Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2405(X)T-1W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # A2405(X)T-1W
Description  DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A2405(X)T-1W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  A2405(X)T-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A2405(X)T-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A2405(X)T-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A2405(X)T-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
A_(X)T-1W series
2014.05.20-B/4
Page 3 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
Tolerance Envelope Curve
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Rated
Output
Voltage
Output Current Percent(%)
Typical Load
Line
70
(Nominal Input Voltage)
Fig. 1
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ambient Temperature( )
Safe Operating Area
Temperatu re Derating Graph
Fig. 2
A0505(X)T-1W
50
55
60
65
70
75
80
85
90
95
100
Input Voltage (V)
Efficiency Vs Input Voltage (Full Load)
A0505(X)T-1W
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-nominal)
A2405(X)T-1W
50
55
60
65
70
75
80
85
90
95
100
Input Voltage (V)
Efficiency Vs Input Voltage (Full Load)
A2405(X)T-1W
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=Vin-nominal)
Design Reference
1. Typical application
If it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see Fig.3.
Moreover, choosing suitable filter capacitor is very important , start-up problems may be caused by too large capacitance. To ensured the
modules running well, the recommended capacitive load values as shown in Table 1.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Fig. 3
Vin
GND
0V
+Vo
DC DC
-Vo
REG
REG
REG
Fig.4
Recommended capacitive load value table (Table 1)
Vin
(VDC)
Cin
(μF)
Vout
(VDC)
Cout
(μF)
3.3
4.7
±5
4.7
54.7
±9
2.2
12
2.2
±12
2.2
15
2.2
±15
1
24
1
±24
0.47
It is not recommended to connect any external capacitor when output power is less than 0.5W.


Similar Part No. - A2405(X)T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A2405(X)T-1W MORNSUN-A2405(X)T-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
More results

Similar Description - A2405(X)T-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com