Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2060B-1 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SF2060B-1
Description  115.18 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2060B-1 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SF2060B-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2060B-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2060B-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2060B-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2060B-1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2060B-1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
115.18 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3 of 6
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2060B-041807
CH1
S 11
log MAG
5 dB/
REF 0 dB
CENTER 115.180 000 MHz
SPAN 40.000 000 MHz
SF2060B DEMO
RETURN LOSS
Cor
PRm
CH2
S 22
log MAG
REF 0 dB
5 dB/
Cor
PRm
28 Jun 2005 13:22:58
1
2
3
1_:-26.965 dB
115.180 000 MHz
2_:-7.56 dB
108.93 MHz
3_:-6.3919 dB
121.43 MHz
1
2
3
1_ -25.658 dB
115.180 000 MHz
2_ -6.6543 dB
108.93 MHz
3_ -7.6705 dB
121.43 MHz
CH1
S 11
1 U FS
CENTER 115.180 000 MHz
SPAN 40.000 000 MHz
SF2060B DEMO
MATCHED TO 200 OHMS
Cor
PRm
CH2
S 22
1 U FS
Cor
PRm
28 Jun 2005 13:20:47
1
1_: 45.77
-820.31 m
1.6845 nF
115.180 000 MHz
1
1_ 46.891
3.9805
5.5002 nH
115.180 000 MHz


Similar Part No. - SF2060B-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2060B-1 RFM-SF2060B-1 Datasheet
166Kb / 6P
   Designed for SDARS Receiver IF Application
More results

Similar Description - SF2060B-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2060B MURATA-SF2060B Datasheet
242Kb / 6P
   115.18 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com