Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX1004-1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PX1004-1
Description  82.2 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PX1004-1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PX1004-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PX1004-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PX1004-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PX1004-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PX1004-1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
82.2 MHz
SAW Filter
www.RFM.com E-mail: info@rfm.com
Page 5 of 5
©2010 by RF Monolithics, Inc.
PX1004-1 - 7/6/10
Tape and Reel Specifications
Quantity Per Reel
1000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
7.0 mm
Bo
13.8 mm
Ko
2.0 mm
Pitch
12.0 mm
W
24.0 mm
PIN #1
See Detail "A"
2.0
12.0
21.0
24.4


Similar Part No. - PX1004-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
   Single-ended Input and Output
More results

Similar Description - PX1004-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
PX1004 RFM-PX1004 Datasheet
293Kb / 5P
   82.2 MHz SAW Filter
logo
Murata Manufacturing Co...
PX1004 MURATA-PX1004 Datasheet
340Kb / 5P
   82.2 MHz SAW Filter
logo
API Technologies Corp
SF0082BA03229S APITECH-SF0082BA03229S Datasheet
1Mb / 3P
   82.2 MHz SAW Bandpass Filter, 30 kHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com