Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX1002 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PX1002
Description  86.85 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PX1002 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PX1002 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PX1002 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PX1002 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PX1002 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PX1002 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 5
© 2009-2011 by RF Monolithics, Inc.
PX1002 - 11/11/11
SM13365-12 Case
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
13.08
13.31
13.60
0.515
0.524
0.535
B
6.27
6.50
6.80
0.247
0.256
0.268
C
1.91
2.00
0.075
0.079
D
1.50
0.059
E
0.79
0.031
H
1.0
0.039
P
2.54
0.100
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
12-Terminal Ceramic Surface-Mount Case
13.3 x 6.5 mm Nominal Footprint
0.287
(7.29)
C
H
P (8 Places)
E (10 Places)
D
B
A
4
5
6
7
1
12
11
10
3
9
8
2
TOP VIEW
BOTTOM VIEW
2
3
8
9
1
12
11
10
4
5
6
7


Similar Part No. - PX1002

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
PX1002 RFM-PX1002 Datasheet
280Kb / 5P
   Designed for TDMA IS-54 Receiver IF Applications
More results

Similar Description - PX1002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com