Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48556 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM48556
Description  Fully Differential, Mono, Ceramic Speaker Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48556 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48556_14 Datasheet HTML 7Page - Texas Instruments LM48556_14 Datasheet HTML 8Page - Texas Instruments LM48556_14 Datasheet HTML 9Page - Texas Instruments LM48556_14 Datasheet HTML 10Page - Texas Instruments LM48556_14 Datasheet HTML 11Page - Texas Instruments LM48556_14 Datasheet HTML 12Page - Texas Instruments LM48556_14 Datasheet HTML 13Page - Texas Instruments LM48556_14 Datasheet HTML 14Page - Texas Instruments LM48556_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LM48556
www.ti.com
SNAS452A – JUNE 2008 – REVISED DECEMBER 2008
Charge Pump Hold Capacitor (CSS)
The value and ESR of the hold capacitor (CSS) directly affects the ripple on CPVSS. Increasing the value of CSS
reduces output ripple. Decreasing the ESR of CSS reduces both output ripple and charge pump output
impedance. A lower value capacitor can be used in systems with low maximum output power requirements.
Gain Setting Resistor Selection
The amplifier gain of the LM48556 is set by four external resistors, two per each input, RIN_ and RF_ Figure 1.
The amplifier gain is given by Equation 1:
AV = RF / RIN (V/V)
(1)
Careful matching of the resistor pairs, RF+ and RF-, and RIN+ and RIN-, is required for optimum performance. Any
mismatch between the resistors results in a differential gain error that leads to an increase in THD+N, decrease
in PSRR and CMRR, as well as an increase in output offset voltage. Resistors with a tolerance of 1% or better
are recommended.
The gain setting resistors should be placed as close to the device as possible. Keeping the input traces close
together and of the same length increases noise rejection in noisy environments. Noise coupled onto the input
traces which are physically close to each other will be common mode and easily rejected.
Feedback Capacitor Selection
Due to their capacitive nature, ceramic speakers poorly reproduce high frequency audio content. At high
frequencies, a ceramic speaker presents a low impedance load to the amplifier, increasing the required drive
current. The higher output current can drive the device into clipping, increasing THD+N. Low-pass filtering the
audio signal improves audio quality by decreasing the signal amplitude at high frequencies, reducing the speaker
drive current. Adding a capacitor in parallel with each feedback resistor creates a simple low-pass filter with the -
3dB point determined by Equation 2:
f−3dB = 1 / 2πRFCF (Hz)
Where
RF is the value of the feedback resistor determined by Equation 1 in the Gain Setting Resistor Selection
section
CF is the value of the feedback capacitor
(2)
The feedback capacitor is optional and not required for normal operation.
Input Capacitor Selection
Input capacitors block the DC component of the audio signal, eliminating any conflict between the DC component
of the audio source and the bias voltage of the LM48556. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high pass filter is found using Equation 3 below.
f = 1 / 2
πRINCIN (Hz)
Where
the value of RIN is determined by Equation 1 in the Gain Setting Resistor Selection section
(3)
When the LM48556 is using a single-ended source, power supply noise on the ground is seen as an input signal.
Setting the high-pass filter point above the power supply noise frequencies, 217Hz in a GSM phone, for example,
filters out the noise such that it is not amplified and heard on the output. Capacitors with a tolerance of 1% or
better are recommended for impedance matching and improved CMRR and PSRR.
SINGLE-ENDED AUDIO AMPLIFIER CONFIGURATION
The LM48556 is compatible with single-ended sources. Figure 4 shows the typical single-ended applications
circuit.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48556


Similar Part No. - LM48556_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48556TL NSC-LM48556TL Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Texas Instruments
LM48556TL/NOPB TI1-LM48556TL/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556TLX NSC-LM48556TLX Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Texas Instruments
LM48556TLX/NOPB TI1-LM48556TLX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
More results

Similar Description - LM48556_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Texas Instruments
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
Eutech Microelectronics...
EUA6288 EUTECH-EUA6288 Datasheet
131Kb / 1P
   14VP-P, Mono, Class G Ceramic Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
   Mono CODEC with Speaker Driver
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
   MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
   MONO CODEC WITH SPEAKER DRIVER
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
   Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
   Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
   Mono CODEC with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com