Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8204BAV-TCT1Y Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S-8204BAV-TCT1Y
Description  BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-8204BAV-TCT1Y Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button S-8204BAV-TCT1Y Datasheet HTML 3Page - List of Unclassifed Manufacturers S-8204BAV-TCT1Y Datasheet HTML 4Page - List of Unclassifed Manufacturers S-8204BAV-TCT1Y Datasheet HTML 5Page - List of Unclassifed Manufacturers S-8204BAV-TCT1Y Datasheet HTML 6Page - List of Unclassifed Manufacturers S-8204BAV-TCT1Y Datasheet HTML 7Page - List of Unclassifed Manufacturers S-8204BAV-TCT1Y Datasheet HTML 8Page - List of Unclassifed Manufacturers S-8204BAV-TCT1Y Datasheet HTML 9Page - List of Unclassifed Manufacturers S-8204BAV-TCT1Y Datasheet HTML 10Page - List of Unclassifed Manufacturers S-8204BAV-TCT1Y Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.6_00
S-8204B Series
Seiko Instruments Inc.
7
Electrical Characteristics
Table 5 (1 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage n
(n = 1, 2, 3, 4)
VCUn
3.65 V to 4.6 V, adjustable,
50 mV step
VCUn
− 0.025
VCUn
VCUn
+ 0.025
V
2
VCL
≠ VCU
VCLn
− 0.05
VCLn
VCLn
+ 0.05
V
2
Overcharge release voltage n
(n = 1, 2, 3, 4)
VCLn
3.5 V to 4.6 V,
adjustable,
50 mV step
VCL = VCU
VCLn
− 0.025
VCLn
VCLn
+ 0.025
V
2
Overdischarge detection voltage n
(n = 1, 2, 3, 4)
VDLn
2.0 V to 3.0 V, adjustable,
100 mV step
VDLn
− 0.08
VDLn
VDLn
+ 0.08
V
2
VDL
≠ VDU
VDUn
− 0.10
VDUn
VDUn
+ 0.10
V
2
Overdischarge release voltage n
(n = 1, 2, 3, 4)
VDUn
2.0 V to 3.4 V,
adjustable,
100 mV step
VDL = VDU
VDUn
− 0.08
VDUn
VDUn
+ 0.08
V
2
Discharge overcurrent detection
voltage 1
VDIOV1
0.05 V to 0.30 V, adjustable
VDIOV1
− 0.015
VDIOV1
VDIOV1
+ 0.015
V
2
Discharge overcurrent detection
voltage 2
VDIOV2
0.4
0.5
0.6
V
2
Load short-circuit detection
voltage
VSHORT
0.7
1.0
1.3
V
2
Temperature coefficient 1
*1
TCOE1
Ta = 0°C to 50°C
*3
−1.0
0
1.0
mV/°C
2
Temperature coefficient 2
*2
TCOE2
Ta = 0°C to 50°C
*3
−0.5
0
0.5
mV/°C
2
Delay Time Function
*4
CCT pin internal resistance
RINC
V1 = 4.7 V, V2 = V3 = V4 = 3.5 V
6.15
8.31
10.2
M
Ω
3
CDT pin internal resistance
RIND
V1 = 1.5 V, V2 = V3 = V4 = 3.5 V
615
831
1020
k
Ω
3
CIT pin internal resistance 1
RINI1
V1 = V2 = V3 = V4 = 3.5 V
123
166
204
k
Ω
3
CIT pin internal resistance 2
RINI2
V1 = V2 = V3 = V4 = 3.5 V
12.3
16.6
20.4
k
Ω
3
CCT pin detection voltage
VCCT
VDS = 15.2 V,
V1 = 4.7 V, V2 = V3 = V4 = 3.5 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
CDT pin detection voltage
VCDT
VDS = 12.0 V,
V1 = 1.5 V, V2 = V3 = V4 = 3.5 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
CIT pin detection voltage
VCIT
VDS = 14.0 V,
V1 = V2 = V3 = V4 = 3.5 V
VDS
× 0.68
VDS
× 0.70
VDS
× 0.72
V
3
Load short-circuit detection
delay time
tSHORT
FET gate capacitance = 2000 pF
100
300
600
μs
3
0 V Battery Charge Function
0 V battery charge starting
voltage
V0CHA
0 V battery charge function
"available"
1.2
2.0
V
2
0 V battery charge inhibition
battery voltage
V0INH
0 V battery charge function
"unavailable"
0.4
0.7
1.1
V
2
Internal Resistance
Resistance between
VMP pin and VDD pin
RVMD
0.5
1
1.5
M
Ω
4
Resistance between
VMP pin and VSS pin
RVMS
With power-down function
450
900
1800
k
Ω
4


Similar Part No. - S-8204BAV-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204BAV-TCT1Y ABLIC-S-8204BAV-TCT1Y Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
More results

Similar Description - S-8204BAV-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204B ABLIC-S-8204B Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
S-8204A ABLIC-S-8204A Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
logo
Seiko Instruments Inc
S8253C SII-S8253C Datasheet
470Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8205A ABLIC-S-8205A Datasheet
832Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIES OR 5-SERIES CELL PACK
Rev.1.9_01
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S8203A SII-S8203A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com