Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8204BAU-TCT1Y Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # S-8204BAU-TCT1Y
Description  BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-8204BAU-TCT1Y Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button S-8204BAU-TCT1Y Datasheet HTML 4Page - List of Unclassifed Manufacturers S-8204BAU-TCT1Y Datasheet HTML 5Page - List of Unclassifed Manufacturers S-8204BAU-TCT1Y Datasheet HTML 6Page - List of Unclassifed Manufacturers S-8204BAU-TCT1Y Datasheet HTML 7Page - List of Unclassifed Manufacturers S-8204BAU-TCT1Y Datasheet HTML 8Page - List of Unclassifed Manufacturers S-8204BAU-TCT1Y Datasheet HTML 9Page - List of Unclassifed Manufacturers S-8204BAU-TCT1Y Datasheet HTML 10Page - List of Unclassifed Manufacturers S-8204BAU-TCT1Y Datasheet HTML 11Page - List of Unclassifed Manufacturers S-8204BAU-TCT1Y Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
S-8204B Series
Rev.3.6_00
Seiko Instruments Inc.
8
Table 5 (2 / 2)
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Input Voltage
Operation voltage between VDD
pin and VSS pin
VDSOP
Fixed output voltage of DOP pin and
COP pin
2
22
V
2
CTLC pin input voltage "H"
VCTLCH
V1 = V2 = V3 = V4 = 3.5 V
13.2
V
2
CTLC pin input voltage "L"
VCTLCL
V1 = V2 = V3 = V4 = 3.5 V
10.1
V
2
CTLD pin input voltage "H"
VCTLDH
V1 = V2 = V3 = V4 = 3.5 V
13.2
V
2
CTLD pin input voltage "L"
VCTLDL
V1 = V2 = V3 = V4 = 3.5 V
10.1
V
2
SEL pin input voltage "H"
VSELH
VDS = 14.0 V,
V1 = V2 = V3 = V4 = 3.5 V
VDS
× 0.8
V
2
SEL pin input voltage "L"
VSELL
VDS = 14.0 V,
V1 = V2 = V3 = V4 = 3.5 V
VDS
× 0.2
V
2
Input Current
Current consumption
during operation
IOPE
V1 = V2 = V3 = V4 = 3.5 V
15
33
μA
1
Current consumption
during power-down
IPDN
With power-down function,
V1 = V2 = V3 = V4 = 1.5 V
0.1
μA
1
Current consumption
during overdischarge
IOPED
Without power-down function,
V1 = V2 = V3 = V4 = 1.5 V
14
32
μA
1
VC1 pin current
IVC1
V1 = V2 = V3 = V4 = 3.5 V
0.5
1.5
3.0
μA
4
VC2 pin current
IVC2
V1 = V2 = V3 = V4 = 3.5 V
−0.3
0
0.3
μA
4
VC3 pin current
IVC3
V1 = V2 = V3 = V4 = 3.5 V
−0.3
0
0.3
μA
4
VC4 pin current
IVC4
V1 = V2 = V3 = V4 = 3.5 V
−0.3
0
0.3
μA
4
CTLC pin current "H"
ICTLCH
V1 = V2 = V3 = V4 = 3.5 V,
VCTLC = VDD
0.4
0.6
0.8
μA
4
CTLC pin current "L"
ICTLCL
V1 = V2 = V3 = V4 = 3.5 V,
maximum current flowing from CTLC pin
−20.0
−10.0
−3.0
μA
4
CTLD pin current "H"
ICTLDH
V1 = V2 = V3 = V4 = 3.5 V,
VCTLD = VDD
0.4
0.6
0.8
μA
4
CTLD pin current "L"
ICTLDL
V1 = V2 = V3 = V4 = 3.5 V,
maximum current flowing from CTLD pin
−20.0
−10.0
−3.0
μA
4
SEL pin current "H"
ISELH
V1 = V2 = V3 = V4 = 3.5 V,
VSEL = VDD
0.1
μA
4
SEL pin current "L"
ISELL
V1 = V2 = V3 = V4 = 3.5 V,
VSEL = VSS
−0.1
μA
4
Output Current
COP pin source current
ICOH
VCOP = VDD
− 0.5 V
10
μA
4
COP pin leakage current
ICOL
VCOP = 0 V
0.1
μA
4
DOP pin source current
IDOH
VDOP = VDD
− 0.5 V
10
μA
4
DOP pin sink current
IDOL
VDOP = VSS
+ 0.5 V
10
μA
4
*1. Voltage temperature coefficient 1: Overcharge detection voltage
*2. Voltage temperature coefficient 2: Discharge overcurrent detection voltage 1
*3. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed
by design, not tested in production.
*4. Delay time function is described in " Operation" in detail.


Similar Part No. - S-8204BAU-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204BAU-TCT1Y ABLIC-S-8204BAU-TCT1Y Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
More results

Similar Description - S-8204BAU-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204B ABLIC-S-8204B Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
S-8204A ABLIC-S-8204A Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
logo
Seiko Instruments Inc
S8253C SII-S8253C Datasheet
470Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8205A ABLIC-S-8205A Datasheet
832Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIES OR 5-SERIES CELL PACK
Rev.1.9_01
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S8203A SII-S8203A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com