Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5B-XH-2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B5B-XH-2
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B5B-XH-2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B5B-XH-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers B5B-XH-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers B5B-XH-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers B5B-XH-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers B5B-XH-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
XH CONNECTOR
Top entry type of glass-filled nylon
Circuits
Model No.
Dimensions (mm)
Q'ty / bag
AB
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B2B-XH-2
B3B-XH-2
B4B-XH-2
B5B-XH-2
B6B-XH-2
B7B-XH-2
B8B-XH-2
B9B-XH-2
B10B-XH-2
B11B-XH-2
B12B-XH-2
B13B-XH-2
B14B-XH-2
B15B-XH-2
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
7.4
9.9
12.4
14.9
17.4
19.9
22.4
24.9
27.4
29.9
32.4
34.9
37.4
39.9
1,000
1,000
500
500
500
500
250
250
250
250
250
250
250
250
Material and Finish
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
(2 circuits)
(3 to 8 circuits)
(9 to 15 circuits)
B
A
2.45
0.64
5.75
6.75
5.75
5.75
6.75
2.5
2.45
A
B
0.64
2.5
2.45
A
B
0.64
0.64
(2.35)
A
2.45
B
5.75
A
B
2.45
5.75
(2.35)
2.5
0.64
A
B
2.45
2.5
(6.1)
3.4
0.64
Top entry type
Top entry type
(2 circuits)
●plugged up
(3 to 20 circuits)
Side entry type
Material and Finish
Dimensions (mm)
AB
Top entry type Side entry type
Q'ty / box
Circuits
Model No.
Top entry type
Side entry type
B2B-XH-A
B2(10.0)B-XH-A-U
B3B-XH-A
B4B-XH-A
B5B-XH-A
B6B-XH-A
B7B-XH-A
B8B-XH-A
B9B-XH-A
B10B-XH-A
B11B-XH-A
B12B-XH-A
B13B-XH-A
B14B-XH-A
B15B-XH-A
B16B-XH-A
B20B-XH-A
2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
2.5
10.0
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
47.5
7.4
14.9
9.9
12.4
14.9
17.4
19.9
22.4
24.9
27.4
29.9
32.4
34.9
37.4
39.9
42.4
52.4
1,000
1,000
1,000
500
500
500
500
250
250
250
250
250
250
250
250
200
100
1,000
1,000
500
500
500
250
250
250
250
250
200
200
200
100
100
S2B-XH-A-1
S3B-XH-A-1
S4B-XH-A-1
S5B-XH-A-1
S6B-XH-A-1
S7B-XH-A-1
S8B-XH-A-1
S9B-XH-A-1
S10B-XH-A-1
S11B-XH-A-1
S12B-XH-A-1
S13B-XH-A-1
S14B-XH-A-1
S15B-XH-A-1
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, natural (white)
S2B-XH-A
S3B-XH-A
S4B-XH-A
S5B-XH-A
S6B-XH-A
S7B-XH-A
S8B-XH-A
S9B-XH-A
S10B-XH-A
S11B-XH-A
S12B-XH-A
S13B-XH-A
S14B-XH-A
S15B-XH-A
S16B-XH-A
RoHS compliance This product displays (LF)(SN) on a label.
Note: B2(10.0)B-XH-A-U is 2 circuits 10.0mm pitch plugged up.
Not UL/CSA/TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S3B-XH-A(-1)-oo-
(blank)…natural (white)
BK…black R…red E…blue Y…yellow L…lemon yellow
M…green D…orange N…brown FY…vivid yellow
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-XH-2-oo-
(blank)…natural (ivory)
C…black R…red E…blue Y…yellow M…green
□0.64
2.45
A
B
(2.35)
5.75
Through-hole type shrouded header
The shrouded headers are interchangeable with those of the NR and NRD insulation displacement connectors, and JQ board-to-board connectors.
Through-hole type shrouded header


Similar Part No. - B5B-XH-2

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B5B-XH-2 JST-B5B-XH-2 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
B5B-XH-2 JST-B5B-XH-2 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
B5B-XH-2-TV4 JST-B5B-XH-2-TV4 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
B5B-XH-2-TV4 JST-B5B-XH-2-TV4 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
More results

Similar Description - B5B-XH-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com