Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48520 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48520
Description  Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48520 Datasheet(HTML) 1 Page - Texas Instruments

  LM48520_14 Datasheet HTML 1Page - Texas Instruments LM48520_14 Datasheet HTML 2Page - Texas Instruments LM48520_14 Datasheet HTML 3Page - Texas Instruments LM48520_14 Datasheet HTML 4Page - Texas Instruments LM48520_14 Datasheet HTML 5Page - Texas Instruments LM48520_14 Datasheet HTML 6Page - Texas Instruments LM48520_14 Datasheet HTML 7Page - Texas Instruments LM48520_14 Datasheet HTML 8Page - Texas Instruments LM48520_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM48520, LM48520TLBD
www.ti.com
SNAS367B – FEBRUARY 2008 – REVISED MARCH 2008
LM48520
Boosted Stereo Class D Audio Power Amplifier
with Output Speaker Protection and Spread Spectrum
Check for Samples: LM48520, LM48520TLBD
1
FEATURES
Independent Boost and Amplifier shutdown
pins
2
Click and Pop Suppression
Low 0.04
μA Shutdown Current
APPLICATIONS
78% Efficiency
Mobile Phones
Filterless Class D
PDAs
2.7V - 5.0V operation
Portable media
4 Adjustable Gain settings
Cameras
Adjustable output swing limiter with Soft
Handheld games
Clipping
Speaker Protection
Short circuit protection on Audio Amps
DESCRIPTION
The LM48520 integrates a boost converter with a high efficiency Class D stereo audio power amplifier to provide
up to 1W/ch continuous power into an 8
Ω speaker when operating from 2.7V to 5.0V power supply with boost
voltage (PV1) of 5.0V. The LM48520 utilizes a proprietary spread spectrum pulse width modulation technique
that lowers RF interference and EMI levels. The Class D amplifier is a low noise, filterless PWM architecture that
eliminates the output filter, reducing external component count, board area, power consumption, system cost,
and simplifying design.
The LM48520 is designed for use in mobile phones and other portable communication devices. The high (78%)
efficiency extends battery life when compared to Boosted Class AB amplifiers. The LM48520 features a low-
power consumption shutdown mode. Shutdown may be enabled by driving the Shutdown pin to a logic low
(GND). Also, external leakage is minimized via control of the ground reference via the SW-OUT pin .
The LM48520 has 4 gain options which are pin selectable via Gain0 and Gain1 pins. Output short circuit
prevents the device from damage during fault conditions. Superior click and pop suppression eliminates audible
transients during power-up and shutdown.
Table 1. Key Specifications
VALUE
UNIT
■ Quiescent Power Supply Current
11.5mA (typ)
■ Output Power
(RL = 8Ω, THD+N ≤ 1%,
1.1
W (typ)
VDD = 3.3V,PV1 = 5.0V)
■ Shutdown Current
0.04
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48520_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520TL NSC-LM48520TL Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520TL/NOPB TI1-LM48520TL/NOPB Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM48520TLBD TI1-LM48520TLBD Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
More results

Similar Description - LM48520_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
NXP Semiconductors
TFA9895 NXP-TFA9895 Datasheet
311Kb / 21P
   Boosted class-D audio amplifier with speaker boost protection and multiband dynamic range compressor
Rev. 1-23 October 2013
logo
Eutech Microelectronics...
EUA2310 EUTECH-EUA2310 Datasheet
103Kb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313 EUTECH-EUA2313 Datasheet
103Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2310B EUTECH-EUA2310B Datasheet
1Mb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313B EUTECH-EUA2313B Datasheet
99Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com