Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQMR5220RJ Datasheet(PDF) 3 Page - Tyco Electronics

Part # SQMR5220RJ
Description  Power Filtering and Resistive Solutions for Elevators and Escalators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SQMR5220RJ Datasheet(HTML) 3 Page - Tyco Electronics

  SQMR5220RJ Datasheet HTML 1Page - Tyco Electronics SQMR5220RJ Datasheet HTML 2Page - Tyco Electronics SQMR5220RJ Datasheet HTML 3Page - Tyco Electronics SQMR5220RJ Datasheet HTML 4Page - Tyco Electronics SQMR5220RJ Datasheet HTML 5Page - Tyco Electronics SQMR5220RJ Datasheet HTML 6Page - Tyco Electronics SQMR5220RJ Datasheet HTML 7Page - Tyco Electronics SQMR5220RJ Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
te.com/industry/commercial-building-technology
Solutions for Elevators and Escalators
TE Connectivity
Resistive Components
Resistors must be carefully chosen to meet
specific performance and practical requirements
including:
• power rating and density
• accuracy and stability
• short-term overload capacity
• capacitance and inductance
• thermal de-rating and heat dissipation
• electrical isolation
• constrained space and specialized
packaging
We work closely with our customers’ to design
products meeting your exact requirements and
can adapt any of our core processes for standard
or customer specific requirements.
Adaptable key resistive technologies include:
• Thick film
• Thin film
• Wire-wound
• Foil elements
Precision Resistors
• SMD and leaded components offering
high reliability and stability
• Thin film and wire-wound technologies
• Flexibility in MOQ and pack size
• Quick turnaround
(typical lead time <6 weeks)
• Accuracy to ± 0.01% and 5ppm
Power Resistors
• Power ratings from 1W to > 300kW
• Range of technologies including –
wire-wound, thick and thin film, foil,
carbon and ceramic composition
• In-house design and test facilities for
development of specification driven
products
• Customization capabilities of standard
products
• Supported by wide range of
commodity power / low ohmic resistors
EMI / RFI Power Line Filters
Our experienced team works closely with
our customers to help bring equipment into
compliance with strict emissions standards. TE’s
Corcom EMI & RFI filters offer solutions for:
• Incoming power filtering
• Signal and control line filtering
• Board level filtering for control systems
• DC power filtering for control cabinets
• A broad range of off-the-shelf product
• Custom designed solutions for unique
applications
We can adapt any of our products for specific
requirements and offer:
• Superior materials and workmanship
• Highly experienced engineering staff
• Application and design consultation
• Testing and qualification assistance
• Customized electrical and mechanical
solutions
Single Phase Power Filters
• Over 40 unique series of power line products
• Current rating up to 60A
• Voltage ratings up to 250V
• Various termination options:
- Standard receptacle (IEC)
- Quick connect
- Stud termination
• UL, CSA and VDE approved products available
Three Phase / High Current Power Filters
• Broad range of three phase power line products
• Current rating up to 400A
• Voltage ratings 270/480V and 250/440V
• Various termination options:
- Stud termination
- Terminal block
• Versions available for Delta and/or WYE wiring
• UL, CSA and VDE approved products available


Similar Part No. - SQMR5220RJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
   High Power Resistors
More results

Similar Description - SQMR5220RJ

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
PF1710WLP15 KEC-PF1710WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
logo
Cornell Dubilier Electr...
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK107M50F24T-F CDE-AFK107M50F24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK-V CDE-AFK-V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
logo
Texas Instruments
TMDSEVM6678LE TI1-TMDSEVM6678LE Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com