Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS18VN6LDQ8 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QS18VN6LDQ8
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VN6LDQ8 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QS18VN6LDQ8 Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VN6LDQ8 Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VN6LDQ8 Datasheet HTML 9Page - List of Unclassifed Manufacturers QS18VN6LDQ8 Datasheet HTML 10Page - List of Unclassifed Manufacturers QS18VN6LDQ8 Datasheet HTML 11Page - List of Unclassifed Manufacturers QS18VN6LDQ8 Datasheet HTML 12Page - List of Unclassifed Manufacturers QS18VN6LDQ8 Datasheet HTML 13Page - List of Unclassifed Manufacturers QS18VN6LDQ8 Datasheet HTML 14Page - List of Unclassifed Manufacturers QS18VN6LDQ8 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Compact Sensors
MINI-BEAM
® Series
75
More information online at
bannerengineering.com
MINI-BEAM
®
Broad Family of Compact
Sensors
• Models are available for ac, dc, or ac/dc universal voltage
operation.
• Available models include opposed, opposed clear plastic
detection, diffuse and divergent diffuse, polarized and non-
polarized retroreflective, convergent, glass and plastic fiber optic.
• Convergent and fiber optic models offer infrared or visible
red, blue, white, or green LED light source; select a color
based on the application.
• SME312 Expert
models offer easy, push-button TEACH-
mode setup.
• MIAD9 series NAMUR models are for hazardous
environments with approved switching amplifiers having
intrinsically safe input circuits.
• MINI-BEAM models detect clear plastic;
MINI-BEAM Expert models detect clear objects.
DC Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 76
AC Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .78
Expert Models. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .81
Universal Voltage Models . . . . . . . . . . . . . . . . . . . . . . . . . .84
NAMUR Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
Signal strength output indicator
10 to 30V dc with bipolar
NPN/PNP outputs
2 m or 9 m integral cable,
or Euro-style quick-
disconnect fitting
Optional 18 mm threaded
lens mount on some
models
Opposed, Retroreflective,
Diffuse and Convergent Models
Suffix E, R, EPD, RPD, D, LV, LP, C,
C2, CV, CV2, CVB, CV2B, CVG and CV2G
39.1 mm
12.2 mm
30.7 mm
Diffuse Models
Suffix DBZ and W
12.2 mm
30.7 mm
57.5 mm
Glass Fiber Models
Suffix F, FV, FVG and FVB
12.2 mm
30.7 mm
42.1 mm
Plastic Fiber Models
Suffix FP, FPG and FPB
MINI-BEAM
® DC Sensors
12.2 mm
30.7 mm
53.3 mm
Detailed
Dimensions
CONVERGENT
P
POLAR RETRO
RETRO
OPPOSED
OPPOSED
CLEAR PLASTIC
DIFFUSE
DIFFUSE
DIVERGENT
GLASS FIBER
PLASTIC FIBER
REFLECTORS
PAGE 391
BRACKETS
PAGE 350
QD CABLES
PAGE 380, 382 & 386
4 or 5-Pin Euro +
3-Pin Micro
P
POLAR RETRO
CLEAR PLASTIC
APERTURES
PAGE 406


Similar Part No. - QS18VN6LDQ8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VN6LP ETC2-QS18VN6LP Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VN6LP ETC2-QS18VN6LP Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VN6LP ETC2-QS18VN6LP Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VN6LV ETC2-QS18VN6LV Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VN6LV ETC2-QS18VN6LV Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results

Similar Description - QS18VN6LDQ8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
logo
Omron Electronics LLC
E3JMDS70M4TG OMRON-E3JMDS70M4TG Datasheet
384Kb / 8P
   Universal Voltage Terminal Photoelectric
E3JM OMRON-E3JM Datasheet
214Kb / 8P
   Universal Voltage Terminal Photoelectric
logo
List of Unclassifed Man...
M186E ETC2-M186E Datasheet
172Kb / 8P
   Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
Visual Communications C...
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
   THREADED FRESNEL LENS 5MM ROUND STANDARD
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com