Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8204BAI-TCT1Y Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # S-8204BAI-TCT1Y
Description  BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-8204BAI-TCT1Y Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button S-8204BAI-TCT1Y Datasheet HTML 6Page - List of Unclassifed Manufacturers S-8204BAI-TCT1Y Datasheet HTML 7Page - List of Unclassifed Manufacturers S-8204BAI-TCT1Y Datasheet HTML 8Page - List of Unclassifed Manufacturers S-8204BAI-TCT1Y Datasheet HTML 9Page - List of Unclassifed Manufacturers S-8204BAI-TCT1Y Datasheet HTML 10Page - List of Unclassifed Manufacturers S-8204BAI-TCT1Y Datasheet HTML 11Page - List of Unclassifed Manufacturers S-8204BAI-TCT1Y Datasheet HTML 12Page - List of Unclassifed Manufacturers S-8204BAI-TCT1Y Datasheet HTML 13Page - List of Unclassifed Manufacturers S-8204BAI-TCT1Y Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
S-8204B Series
Rev.3.6_00
Seiko Instruments Inc.
10
2. 6 CTLC pin input voltage "H" (VCTLCH), CTLC pin input voltage "L" (VCTLCL)
The CTLC pin input voltage "L" (VCTLCL) is the CTLC pin's voltage; when the COP pin's voltage is set to "L" after
decreasing the CTLC pin's voltage gradually from the initial status. After that, increasing the CTLC pin's voltage
gradually, the CTLC pin's voltage when the COP pin's voltage is set to "H"; is the CTLC pin input voltage "H"
(VCTLCH).
2. 7 CTLD pin input voltage "H" (VCTLDH), CTLD pin input voltage "L" (VCTLDL)
The CTLD pin input voltage "L" (VCTLDL) is the CTLD pin's voltage; when the DOP pin's voltage is set to "L" after
decreasing the CTLD pin's voltage gradually from the initial status. After that, increasing the CTLD pin's voltage
gradually, the CTLD pin's voltage when the DOP pin's voltage is set to "H"; is the CTLD pin input voltage "H"
(VCTLDH).
2. 8 SEL pin input voltage "H" (VSELH), SEL pin input voltage "L" (VSELL)
Start from the initial status, set V4 = 0 V. Confirm the DOP pin is in "L". After that, decreasing the SEL pin's
voltage gradually, the SEL pin's voltage when the DOP pin's voltage is set to "H"; is the SEL pin input voltage "L"
(VSELL). After that, increasing the SEL pin's voltage gradually, the SEL pin's voltage when the DOP pin's voltage is
set to "L"; is the SEL pin input voltage "H" (VSELH).
3. CCT pin internal resistance, CDT pin internal resistance, CIT pin internal resistance 1, CIT pin
internal resistance 2, CCT pin detection voltage, CDT pin detection voltage, CIT pin detection
voltage, load short-circuit detection delay time
(Test circuit 3)
Confirm both the COP pin and the DOP pin are in "H" (its voltage level is VDS
× 0.9 V or more) after setting VVMP =
VSEL = VCTLC = VCTLD = VDD, VVINI = CCT = CDT = CIT = VSS, V1 = V2 = V3 = V4 = 3.5 V. (This status is referred to
as initial status.)
3. 1 CCT pin internal resistance (RINC)
The CCT pin internal resistance (RINC) is RINC = VDS / ICCT, ICCT is the current which flows from the CCT pin when
setting V1 = 4.7 V from the initial status.
3. 2 CDT pin internal resistance (RIND)
The CDT pin internal resistance (RIND) is RIND = VDS / ICDT, ICDT is the current which flows from the CDT pin when
setting V1 = 1.5 V from the initial status.
3. 3 CIT pin internal resistance 1 (RINI1)
The CIT pin internal resistance 1 (RINI1) is RINI1 = VDS / ICIT1, ICIT1 is the current which flows from the CIT pin when
setting VVINI = VDIOV1 max.
+ 0.05 V from the initial status.
3. 4 CIT pin internal resistance 2 (RINI2)
The CIT pin internal resistance 2 (RINI2) is RINI2 = VDS / ICIT2, ICIT2 is the current which flows from the CIT pin when
setting VVINI = VDIOV2 max
. + 0.05 V from the initial status.
3. 5 CCT pin detection voltage (VCCT)
The CCT pin detection voltage (VCCT) is the voltage at the CCT pin when the COP pin's voltage is set to "L"
(voltage VDS
× 0.1 V or less) after increasing the CCT pin's voltage gradually, after setting V1 = 4.7 V from the
initial status.
3. 6 CDT pin detection voltage (VCDT)
The CDT pin detection voltage (VCDT) is the voltage at the CDT pin when the DOP pin's voltage is set to "L"
(voltage VDS
× 0.1 V or less) after increasing the CDT pin's voltage gradually, after setting V1 = 1.5 V from the
initial status.


Similar Part No. - S-8204BAI-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204BAI-TCT1Y ABLIC-S-8204BAI-TCT1Y Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
More results

Similar Description - S-8204BAI-TCT1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204B ABLIC-S-8204B Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
S-8204A ABLIC-S-8204A Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
logo
Seiko Instruments Inc
S8253C SII-S8253C Datasheet
470Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
S-8205A ABLIC-S-8205A Datasheet
832Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIES OR 5-SERIES CELL PACK
Rev.1.9_01
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S8203A SII-S8203A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com