Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS18VN6DBQ8 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # QS18VN6DBQ8
Description  Universal photoelectric family offers 18 mm threaded lens or side mounts
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VN6DBQ8 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button QS18VN6DBQ8 Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VN6DBQ8 Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VN6DBQ8 Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VN6DBQ8 Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VN6DBQ8 Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VN6DBQ8 Datasheet HTML 9Page - List of Unclassifed Manufacturers QS18VN6DBQ8 Datasheet HTML 10Page - List of Unclassifed Manufacturers QS18VN6DBQ8 Datasheet HTML 11Page - List of Unclassifed Manufacturers QS18VN6DBQ8 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Compact Sensors
72
More information online at
bannerengineering.com
WORLD-BEAM
® QS18 Series
Bright LED status indicators
visible from 360°
Simple push-button
programming
Optional 18 mm
threaded lens
mount on some
models
WORLD-BEAM
® QS18 Expert and Ultrasonic Sensors
21.0 mm
35.0 mm
15.0 mm
Diffuse Models
Suffix DB and W
WORLD-BEAM
® QS18 Expert, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
QS18EN6LP
P
POLAR RETRO
3.5 m
2 m
NPN
EGCR-10
(p. 431)
BPR-9
(p. 453)
69948
QS18EN6LPQ8
4-pin Euro QD
QS18EP6LP
2 m
PNP
QS18EP6LPQ8
4-pin Euro QD
QS18EN6CV15
CONVERGENT
16 mm
2 m
NPN
EGCC-11
(p. 437)
BPC-11
(p. 459)
QS18EN6CV15Q8
4-pin Euro QD
QS18EP6CV15
2 m
PNP
QS18EP6CV15Q8
4-pin Euro QD
QS18EN6CV45
43 mm
2 m
NPN
EGCC-12
(p. 437)
BPC-12
(p. 459)
QS18EN6CV45Q8
4-pin Euro QD
QS18EP6CV45
2 m
PNP
QS18EP6CV45Q8
4-pin Euro QD
QS18EN6D
DIFFUSE
800 mm
2 m
NPN
EGCD-10
(p. 434)
BPD-9
(p. 456)
QS18EN6DQ8
4-pin Euro QD
QS18EP6D
2 m
PNP
QS18EP6DQ8
4-pin Euro QD
QS18EN6DB
500 mm
2 m
NPN
EGCD-11
(p. 434)
BPD-10
(p. 456 )
QS18EN6DBQ8
4-pin Euro QD
QS18EP6DB
2 m
PNP
QS18EP6DBQ8
4-pin Euro QD
31.0 mm
35.0 mm
15.0 mm
Retroreflective, Convergent and Diffuse Models
Suffix LP, CV15, CV45 and D
*
Infrared LED
Visible Red LED
** For 9 m cable, add suffix W/30 to the 2 m model number (example, QS18EN6LP W/30). A model with a QD requires a mating cable (see pages 378 and 380).
QD models:
• For 4-pin integral Euro-style QD, add suffix Q8 (example, QS18EN6LPQ8).
• For 4-pin 150 mm Euro-style pigtail, add suffix Q5 (example, QS18EN6LPQ5).
• For 4-pin integral Pico-style QD, add suffix Q7 (example, QS18EN6LPQ7).
• For 4-pin 150 mm Pico-style pigtail, add suffix Q (example, QS18EN6LPQ).
Retroreflective range is specified using one model BRT-84 retroreflector. Actual sensing range may differ, depending on the efficiency and reflective area of the
retroreflector used. See Accessories for more information.
Detailed
Dimensions
Download
PDF
Programming
Button
31.0 mm
35.0 mm
15.0 mm
QPMA
YL
E • P
IGTAIL • PU
R
CALL FACTORY
33.5 mm
15.0 mm
35.0 mm
Ultrasonic Models
Suffix NA and PA


Similar Part No. - QS18VN6DBQ8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VN6DB ETC2-QS18VN6DB Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VN6DB ETC2-QS18VN6DB Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VN6DB ETC2-QS18VN6DB Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results

Similar Description - QS18VN6DBQ8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EX-31A PANASONIC-EX-31A Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
EX-30 PANASONIC-EX-30 Datasheet
554Kb / 6P
   Threaded Miniature Photoelectric Sensor
logo
Omron Electronics LLC
E3JMDS70M4TG OMRON-E3JMDS70M4TG Datasheet
384Kb / 8P
   Universal Voltage Terminal Photoelectric
E3JM OMRON-E3JM Datasheet
214Kb / 8P
   Universal Voltage Terminal Photoelectric
logo
List of Unclassifed Man...
M186E ETC2-M186E Datasheet
172Kb / 8P
   Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
   The Stratix II family offers the following features
logo
Visual Communications C...
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
   5MM ROUND STANDARD THREADED FRESNEL LENS
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
   THREADED FRESNEL LENS 5MM ROUND STANDARD
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com