Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7B-XH-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S7B-XH-A
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7B-XH-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S7B-XH-A Datasheet HTML 1Page - List of Unclassifed Manufacturers S7B-XH-A Datasheet HTML 2Page - List of Unclassifed Manufacturers S7B-XH-A Datasheet HTML 3Page - List of Unclassifed Manufacturers S7B-XH-A Datasheet HTML 4Page - List of Unclassifed Manufacturers S7B-XH-A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
5
JST
The XH connector was developed based
on the high reliability and versatility of our
NH series connectors. The connector is very
small with a mounting height of 9.8mm.
Specifications –––––––––––––––––––
• Current rating: 3A AC, DC (AWG #22)
• Voltage rating: 250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m Ω max.
After environmental testing/ 20m Ω max.
• Insulation resistance: 1,000M Ω min.
• Withstanding voltage: 1,000V AC/minute
• Applicable wire: AWG #30 to #22
• Applicable PC board thickness: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2J50014297
XH CONNECTOR
2.5mm pitch/Disconnectable Crimp style connectors
Radial Tape
Emboss Tape
2.5
±0.05
(2.5min
5.75
±0.05
2 circuits
:φ1
3 to 20 circuits
:φ0.9
+0.1
 0
14.3
11.5
2.5
±0.05
(2.5min
φ0.9
+0.1
 0
Top entry type
Side entry type
2.5
±0.05
2.5 min
1.6
±0.05
φ0.9
+0.1
 0
φ1.7
+0.1
 0
+0.2
 0
±0.05
2 circuits
:φ1
3 to 20 circuits
:φ0.9
+0.1
 0
φ1.1
5.75
Top entry type with a boss
1.8
2.3
2.5
1.3
End face of wafer on the mating side
Through-hole type (viewed from soldening side)
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. The dimensions above should serve as a guideline. Contact JST for details.
• Original folded beam contact
• Box-shaped shrouded header
• Header with a boss
• Interchangeability
• Conforming to the HA terminal
(1 circuit)
(2 circuits or more)
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions
should be larger. The dimensions above should serve as a guideline. Contact JST for details.
Side entry type
SMT type (viewed from component side)


Similar Part No. - S7B-XH-A

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
S7B-XH-A JST-S7B-XH-A Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
S7B-XH-A JST-S7B-XH-A Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
S7B-XH-A-1 JST-S7B-XH-A-1 Datasheet
125Kb / 2P
   JQ CONNECTOR 2.5 mm pitch/Board-to-board connectors
S7B-XH-A-1 JST-S7B-XH-A-1 Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
S7B-XH-A-1 JST-S7B-XH-A-1 Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
More results

Similar Description - S7B-XH-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com