Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOX1L3R0J Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MOX1L3R0J
Description  power carbon film leaded resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MOX1L3R0J Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MOX1L3R0J Datasheet HTML 1Page - KOA Speer Electronics, Inc. MOX1L3R0J Datasheet HTML 2Page - KOA Speer Electronics, Inc. MOX1L3R0J Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
features
Fixed metal film resistor available (specify “SPRX”)
Flameproof silicone coating equivalent to (UL94V0)
High reliability performance
Suitable for automatic machine insertion
Marking: Light green body color
Color-coded bands on 1/2W - 1W
Alpha-numeric black marking on 2W - 5W
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
Surface mount style “N” forming is suitable for
automatic mounting
SPR
power carbon film leaded resistor
dimensions and construction
d
D
Marking
Flame Retardant Coating
End
Cap
Lead
Wire
L
l
C
Ceramic Body
L
SPR1/4
SPRX1/4
.13±.012
(3.3±0.3)
.138
(3.5)
.067±.012
(1.7±0.3)
.018
(0.45)
.787 Min.
(20.0 Min.)
.945 Min.
(24.0 Min.)
.024
(0.6)
.031
(0.8)
1.18±.118
(30.0±3.0)
1.50±.118
(38.0±3.0)
.098±.02
(2.5±0.5)
.138±.02
(3.5±0.5)
.165±.031
(4.2±0.8)
.236±.039
(6.0±1.0)
.354±.039
(9.0±1.0)
.280
(7.1)
.437
(11.1)
.591
(15.0)
.709
(18.0)
1.10
(28.0)
.244±.02
(6.2±0.5)
.354±.039
(9.0±1.0)
.472±.039
(12.0±1.0)
.610±.039
(15.5±1.0)
.965±.039
(24.5±1.0)
SPR1/2
SPRX1/2
SPR1
SPRX1
SPR2
SPRX2
SPR3
SPRX3
SPR5
SPRX5
Type
C (max.)
D
d nominal
l*
Dimensions inches
(mm)
Axial: T26, T52, T521, T631
Stand-off Axial: L52, L521, L631
Radial: VT, VTP, VTE, GT
L, U, M, N Forming
ordering information
±2%, ±5%:
2 significant figures
+ 1 multiplier
“R” indicates decimal
on value <10Ω
±1%: 3 significant
figures + 1 multiplier
“R” indicates decimal
on value <100Ω
1/4: 0.25W
1/2: 0.5W
1: 1W
2: 2W
3: 3W
5: 5W
C: SnCu
SPR
SPRX
F: ±1%
G: ±2%
J: ±5%
SPR
1/2
C
Termination
Material
Type
Power
Rating
Nominal
Resistance
Tolerance
Taping and Forming
New Part #
T52
103
A: Ammo
R: Reel
TEB:
Embossed
plastic
(N forming)
Packaging
R
J
For further information
on packaging, please
refer to Appendix C.
EU
* Lead length changes depending on taping and forming type.
139
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12


Similar Part No. - MOX1L3R0J

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX1125-22 OHMITE-MOX1125-22 Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX1125-22 OHMITE-MOX1125-22 Datasheet
350Kb / 2P
   Silicone or epoxy coating
MOX1125-23 OHMITE-MOX1125-23 Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX1125-23 OHMITE-MOX1125-23 Datasheet
350Kb / 2P
   Silicone or epoxy coating
MOX1125021006DE OHMITE-MOX1125021006DE Datasheet
173Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
More results

Similar Description - MOX1L3R0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
   power carbon film leaded resistor
SPR1CT26 KOA-SPR1CT26 Datasheet
103Kb / 2P
   power carbon film leaded resistor
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
   Carbon Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
   Carbon Film Resistor
3/3/2022
logo
KOA Speer Electronics, ...
CFS14C852R103J KOA-CFS14C852R103J Datasheet
274Kb / 2P
   carbon film leaded resistors
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
   Moisture Resistant Carbon Film Resistor
10/22/2020
logo
KOA Speer Electronics, ...
RD41 KOA-RD41 Datasheet
358Kb / 2P
   fixed carbon film melf resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com