Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4995 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4995
Description  1.3 W Audio Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4995 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4995 Datasheet HTML 3Page - Texas Instruments LM4995 Datasheet HTML 4Page - Texas Instruments LM4995 Datasheet HTML 5Page - Texas Instruments LM4995 Datasheet HTML 6Page - Texas Instruments LM4995 Datasheet HTML 7Page - Texas Instruments LM4995 Datasheet HTML 8Page - Texas Instruments LM4995 Datasheet HTML 9Page - Texas Instruments LM4995 Datasheet HTML 10Page - Texas Instruments LM4995 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM4995, LM4995TMBD
www.ti.com
SNAS329F – APRIL 2006 – REVISED NOVEMBER 2009
Electrical Characteristics VDD = 3.0V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4995
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limits)
(3)
VIN = 0V, Io = 0A, No Load
1.3
mA
(4) (5)I
DD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
1.6
mA
ISD
Shutdown Current
VSD = VGND
0.01
µA
VOS
Output Offset Voltage
No Load
5
mV
Po
Output Power
THD+N = 1% (max); f = 1 kHz
400
mW
TWU
Wake-up time
110
ms
THD+N
Total Harmonic Distortion + Noise
Po = 250mWRMS; f = 1kHz
0.07
%
Vripple = 200mV sine p-p
74 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
dB
Input terminated to GND
75 (f = 1kHz)
VSDIH
Shutdown Voltage Input High
1.2
V
VSDIL
Shutdown Voltage Input Low
1
V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
External Components Description
(Figure 1)
Components
Functional Description
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass
filter with Ci at fC= 1/(2π RiCi).
2.
Ci
Input coupling capacitor which blocks the DC voltage at the amplifiers input terminals. Also creates a highpass filter with
Ri at fC = 1/(2π RiCi). Refer to the section, Proper Selection of External Components, for an explanation of how to
determine the value of Ci.
3.
Rf
Feedback resistance which sets the closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing section for
information concerning proper placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of CB.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4995 LM4995TMBD


Similar Part No. - LM4995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
LM4995 NSC-LM4995 Datasheet
365Kb / 18P
   1.3W Audio Power Amplifier
logo
Texas Instruments
LM4995 TI-LM4995 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995SD/NOPB TI-LM4995SD/NOPB Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995TM/NOPB TI-LM4995TM/NOPB Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
More results

Similar Description - LM4995

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com