Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43503 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE43503
Description  50 廓 RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43503 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE43503 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE43503 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE43503 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43503 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43503 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43503 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43503 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43503 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43503 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Specification
PE43503
Page 4 of 11
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0252-05
│ UltraCMOS™ RFIC Solutions
0
5
10
15
20
25
30
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
Hz
1
2
3
4
5
6
18
17
16
15
14
13
24 23 22 21 20 19
7
8
9
101112
GND C1 C2 C4 C8 C16
NC
VDD
P/S
GND
RF1
GND
SI
CLK
LE
GND
RF2
GND
Exposed
Solder Pad
Table 2. Pin Descriptions
Figure 13. Pin Configuration (Top View)
Pin No.
Pin Name
Description
1
NC
No Connect
2
VDD
Power supply pin
3
P̅/S
Serial/Parallel mode select
4
GND
Ground
5
RF1
RF1 port
6
GND
Ground
7 - 12
GND
Ground
13
GND
Ground
14
RF2
RF2 port
15
GND
Ground
16
LE
Serial interface Latch Enable input
17
CLK
Serial interface Clock input
18
SI
Serial interface Data input
19
C16 (D6)
Parallel control bit, 16 dB
20
C8 (D5)
Parallel control bit, 8 dB
21
C4 (D4)
Parallel control bit, 4 dB
22
C2 (D3)
Parallel control bit, 2 dB
23
C1 (D2)
Parallel control bit, 1 dB
24
GND
Ground
Note: Ground C1, C2, C4, C8, C16 if not in use.
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
specified rating.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the package
must be grounded for proper device
operation.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Switching Frequency
The PE43503 has a maximum 25 kHz switching rate.
Switching rate is defined to be the speed at which the
DSA can be toggled across attenuation states.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE43503 in
the 24-lead 4x4 QFN package is MSL1.
Note: 1. Human Body Model (HBM, MIL_STD 883 Method 3015.7)
Figure 14. Maximum Power Handling Capability
Table 3. Operating Ranges
Table 4. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
6.0
V
VI
Voltage on any Digital input
-0.3
5.8
V
TST
Storage temperature range
-65
150
°C
PIN
Input power (50
Ω)
9 kHz
≤ 20 MHz
20 MHz
≤ 6 GHz
Fig. 14
+23
dBm
dBm
VESD
ESD voltage (HBM)1
ESD voltage (Machine Model)
500
100
V
V
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
3.0
3.3
V
IDD Power Supply Current
70
350
µA
Digital Input High
2.6
5.5
V
PIN Input power (50Ω):
9 kHz
≤ 20 MHz
20 MHz
≤ 6 GHz
Fig. 14
+23
dBm
dBm
TOP Operating temperature range
-40
25
85
°C
Digital Input Low
0
1
V
Digital Input Leakage1
15
µA
VDD Power Supply Voltage
5.0
5.5
V
Note 1. Input leakage current per Control pin


Similar Part No. - PE43503

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
429Kb / 11P
   RF Digital Attenuator 5-bit, 31dB, DC-6.0 GHz
logo
Peregrine Semiconductor
PE43503 PSEMI-PE43503 Datasheet
437Kb / 11P
   PE43503
PE43503 PSEMI-PE43503_14 Datasheet
981Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503_15 Datasheet
437Kb / 11P
   RF Digital Attenuator
More results

Similar Description - PE43503

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
   50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com