Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42721 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE42721
Description  UltraCMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42721 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE42721 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42721 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42721 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42721 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42721 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42721 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42721 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42721 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42721 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Product Specification
PE42721
Page 3 of 12
Document No. DOC-13814-2 │ www.psemi.com
©2013 Peregrine Semiconductor Corp. All rights reserved.
Table 4. Absolute Maximum Ratings
Notes: 1. 100% duty cycle, all bands, 75Ω
2. Human Body Model (MIL-STD-883 Method 3015)
3. Machine Model (JEDEC JESD22-A115)
4. Charged Device Model (JEDEC JESD22-C101)
Table 3. Operating Ranges
Note 1: 100% duty cycle, all bands, 75Ω
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VDD
2.3
3.3
5.5
V
Supply current
IDD
110
200
µA
Digital input high
(CTRL1, CTRL2)
VIH
1.17
3.6
V
Digital input low
(CTRL1, CTRL2)
VIL
-0.3
0.6
V
RF input power
(RFC–RFX)1
5 ≤45 MHz
45 ≤2200 MHz
PIN
18
22
dBm
dBm
Operating temperature
range
TOP
-40
+25
+85
°C
RF input power into
terminated ports (RFX)1
5 ≤45 MHz
45 ≤2200 MHz
PIN,TERM
16
16
dBm
dBm
Digital input current
ICTRL
1
µA
Parameter/Condition
Symbol
Min
Max
Unit
Storage temperature range
TST
-65
+150
°C
ESD voltage HBM2
RF pins to GND
All other pins
VESD,HBM
3000
2000
V
V
ESD voltage MM3, all pins
VESD,MM
100
V
ESD Voltage CDM4, all pins
VESD,CDM
1000
V
RF input power into terminated
ports (RFX)1
5 ≤45 MHz
45 ≤2200 MHz
PIN,TERM
16
16
dBm
dBm
Supply voltage
VDD
-0.3
5.5
V
RF input power
(RFC–RFX)1
5 ≤45 MHz
45 ≤2200 MHz
PIN
18
22
dBm
dBm
Digital input voltage
VCTRL
-0.3
3.6
V
Figure 3. Pin Configuration (Top View)
Table 2. Pin Descriptions
Pin #
Pin Name
Description
1
GND
RF Ground
2
RF11
RF Port 1
3
GND
RF Ground
4
GND
RF Ground
5
RFC1
RF Common
6
GND
RF Ground
7
GND
RF Ground
8
RF21
RF Port 2
9
GND
RF Ground
10
CTRL2
Digital control logic input 2
11
CTRL1
Digital control logic input 1
12
VDD
Supply Voltage
Pad
GND
Exposed pad: Ground for proper operation
Note 1:
RF pins 2, 5, and 8 must be at 0V DC. The RF pins do not require DC
blocking capacitors for proper operation if the 0V DC requirement is
met
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted
to the limits in the Operating Ranges table.
Operation between operating range maximum and
absolute maximum for extended periods may
reduce reliability.


Similar Part No. - PE42721

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
logo
Peregrine Semiconductor...
PE42721 PEREGRINE-PE42721_15 Datasheet
297Kb / 12P
   SPDT RF Switch
More results

Similar Description - PE42721

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720 Datasheet
390Kb / 11P
   UltraCMOS
PE42556 PEREGRINE-PE42556 Datasheet
308Kb / 10P
   UltraCMOS
PE4150 PEREGRINE-PE4150 Datasheet
579Kb / 10P
   UltraCMOS
PE42540 PEREGRINE-PE42540 Datasheet
520Kb / 12P
   UltraCMOS
PE42422 PEREGRINE-PE42422 Datasheet
361Kb / 13P
   UltraCMOS
PE42430 PEREGRINE-PE42430 Datasheet
413Kb / 11P
   UltraCMOS
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com