Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42422 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE42422
Description  UltraCMOS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42422 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE42422 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42422 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42422 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42422 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42422 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42422 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42422 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42422 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42422 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Page 1 of 13
Document No. DOC-33314-1 |
www.psemi.com
Product Specification
UltraCMOS® SPDT RF Switch
100 – 6000 MHz
PE42422
Features

Symmetric SPDT reflective switch

Low insertion loss

0.25 dB typical @ 1000 MHz

0.40 dB typical @ 3000 MHz

0.65 dB typical @ 5000 MHz

0.90 dB typical @ 6000 MHz

Wide supply range of 2.3V to 5.5V

Excellent linearity

IIP2 of 115 dBm

IIP3 of 70 dBm

High ESD tolerance

4kV HBM on RF pins to GND

1kV on all other pins

Logic Select (LS) pin provides
maximum flexibility of control logic

12-lead 2x2 mm QFN package
Figure 2. Package Type
12-lead 2x2x0.55 mm QFN
Figure 1. Functional Diagram
Product Description
The PE42422 is a HaRP™ technology-enhanced
SPDT RF switch designed to cover a broad range of
applications from 100-6000 MHz. This reflective switch
integrates on-board CMOS control logic with a low
voltage CMOS-compatible control interface and
requires no external components.
Peregrine’s HaRP™ technology enhancements deliver
high linearity and exceptional harmonics performance.
It is an innovative feature of the UltraCMOS® process,
providing performance superior to GaAs with the
economy and integration of conventional CMOS.
71-0068


Similar Part No. - PE42422

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42422 PEREGRINE-PE42422 Datasheet
362Kb / 13P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor
PE42422 PSEMI-PE42422 Datasheet
361Kb / 13P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE42422MLAA-Z PEREGRINE-PE42422MLAA-Z Datasheet
362Kb / 13P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
More results

Similar Description - PE42422

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720 Datasheet
390Kb / 11P
   UltraCMOS
PE42556 PEREGRINE-PE42556 Datasheet
308Kb / 10P
   UltraCMOS
PE42721 PEREGRINE-PE42721 Datasheet
297Kb / 12P
   UltraCMOS
PE4150 PEREGRINE-PE4150 Datasheet
579Kb / 10P
   UltraCMOS
PE42540 PEREGRINE-PE42540 Datasheet
520Kb / 12P
   UltraCMOS
PE42430 PEREGRINE-PE42430 Datasheet
413Kb / 11P
   UltraCMOS
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com