Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4268 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE4268
Description  SP6T UltraCMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4268 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button PE4268 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
PE4268
Page 6 of 11
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0165-03
│ UltraCMOS™ RFIC Solutions
-75
-65
-55
-45
-35
-25
28
30
32
34
36
38
Input Power (dBm)
-40°C 2fo
+25°C 2fo
+85°C 2fo
-40°C 3fo
+25°C 3fo
+85°C 3fo
-65
-55
-45
-35
-25
28
30
32
34
36
38
Input Power (dBm)
2.4 V 2f o
2.6 V 2f o
2.8 V 2f o
2.4 V 3f o
2.6 V 3f o
2.8 V 3f o
-75
-65
-55
-45
-35
-25
28
30
32
34
36
38
Input Power (dBm)
2.4 V 2fo
2.6 V 2fo
2.8 V 2fo
2.4 V 3fo
2.6 V 3fo
2.8 V 3 f o
-40
-30
-20
-10
0
0
1000
2000
3000
4000
Frequency (MHz)
ANT, RX 1
RX 1
TX 1
Typical Performance Data @ VDD = 2.6 V, 25 °C (Unless otherwise noted)°
Figure 11. TX Harmonics 915MHz
Figure 13. TX Harmonics 1900MHz
Figure 12. TX Harmonics 915MHz
Figure 10. Return Loss: Worse Case Paths
Over VDD
Over VDD
Over Temp


Similar Part No. - PE4268

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Pasternack Enterprises,...
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
   SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
   SP6T UltraCMOS 2.6 V Switch
logo
Pasternack Enterprises,...
PE4268 PASTERNACK-PE4268 Datasheet
316Kb / 3P
   SMB Jack Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4268-EK PEREGRINE-PE4268-EK Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
More results

Similar Description - PE4268

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
   SP6T UltraCMOS 2.6 V Switch
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
logo
DAICO Industries, Inc.
DSW62188 DAICO-DSW62188 Datasheet
174Kb / 1P
   GaAs SP6T
logo
Pasternack Enterprises,...
PE71S6197 PASTERNACK-PE71S6197 Datasheet
452Kb / 4P
   SP6T Switch
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
   SP6T Switch
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
   SP6T Switch
logo
Mini-Circuits
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
   SP6T Switch
MSP6TA-12D MINI-MSP6TA-12D Datasheet
327Kb / 3P
   SP6T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com