Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KPA270A Datasheet(PDF) 1 Page - StarHope

Part # 30KPA270A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-28 TO 288 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

30KPA270A Datasheet(HTML) 1 Page - StarHope

  30KPA270A Datasheet HTML 1Page - StarHope 30KPA270A Datasheet HTML 2Page - StarHope 30KPA270A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNI-POLAR
BI-POLAR
30KPA28A
30KPA28CA
28
31.28
34.24
50
606.0
5000
50.0
30KPA30A
30KPA30CA
30
33.51
36.69
50
548.9
5000
55.2
30KPA33A
30KPA33CA
33
36.9
40.4
50
517.9
5000
58.5
30KPA36A
30KPA36CA
36
40.2
44.0
50
490.3
5000
61.8
30KPA39A
30KPA39CA
39
43.6
47.7
20
450.9
2000
67.2
30KPA42A
30KPA42CA
42
46.9
51.4
10
420.8
1000
72.0
30KPA43A
30KPA43CA
43
48.0
52.6
10
415.1
1000
73.0
30KPA45A
30KPA45CA
45
50.3
55.0
5
391.5
250
77.4
30KPA48A
30KPA48CA
48
53.6
58.7
5
371.3
150
81.6
30KPA51A
30KPA51CA
51
57.0
62.4
5
350.7
50
86.4
30KPA54A
30KPA54CA
54
60.3
66.0
5
331.5
20
91.4
30KPA58A
30KPA58CA
58
64.8
70.9
5
327.9
20
92.4
30KPA60A
30KPA60CA
60
67.0
73.4
5
297.1
15
102.0
30KPA64A
30KPA64CA
64
71.5
78.3
5
291.3
10
104.0
30KPA66A
30KPA66CA
66
73.7
80.7
5
283.2
2
1
07.0
30KPA70A
30KPA70CA
70
78.2
85.6
5
278.0
2
1
09.0
30KPA71A
30KPA71CA
71
79.3
86.8
5
271.7
2
1
11.5
30KPA72A
30KPA72CA
72
80.4
88.1
5
265.8
2
1
14.0
30KPA75A
30KPA75CA
75
83.8
91.7
5
253.8
2
1
19.4
30KPA78A
30KPA78CA
78
87.1
95.4
5
234.9
2
1
29.0
30KPA84A
30KPA84CA
84
93.8
102.7
5
217.7
2
1
39.2
30KPA90A
30KPA90CA
90
100.5
110.1
5
207.0
2
1
46.4
30KPA96A
30KPA96CA
96
107.2
117.4
5
194.2
2
1
56.0
30KPA102A
30KPA102CA
102
113.9
124.7
5
183.0
2
1
65.6
30KPA108A
30KPA108CA
108
120.6
132.1
5
172.9
2
1
75.2
30KPA120A
30KPA120CA
120
134.0
146.8
5
155.9
2
1
94.4
30KPA132A
30KPA132CA
132
147.4
161.4
5
142.3
2
2
13.0
30KPA144A
30KPA144CA
144
160.8
176.1
5
135.8
2
2
23.2
30KPA150A
30KPA150CA
150
167.6
183.5
5
129.8
2
2
33.4
30KPA156A
30KPA156CA
156
174.3
190.8
5
123.7
2
2
45.0
30KPA160A
30KPA160CA
160
178.7
195.7
5
120.0
2
2
52.6
30KPA168A
30KPA168CA
168
187.7
205.5
5
111.2
2
2
72.4
30KPA170A
30KPA170CA
170
189.9
207.9
5
110.2
2
2
75.0
30KPA180A
30KPA180CA
180
201.1
220.1
5
104.3
2
2
90.4
30KPA198A
30KPA198CA
198
221.2
242.2
5
94.7
2
3
19.8
30KPA216A
30KPA216CA
216
241.3
264.2
5
86.9
2
3
48.6
30KPA240A
30KPA240CA
240
268.1
293.5
5
78.3
2
3
87.0
30KPA258A
30KPA258CA
258
288.2
315.5
5
72.8
2
4
16.4
30KPA260A
30KPA260CA
260
290.4
318.0
5
72.8
2
4
16.0
30KPA270A
30KPA270CA
270
301.6
330.2
5
69.5
2
4
36.2
30KPA280A
30KPA280CA
280
312.8
342.4
5
65.3
2
4
64.0
30KPA288A
30KPA288CA
288
321.7
352.2
5
64.5
2
4
69.9
For bidirectional type having Vrwm of 60 volts and less, the IR limit is double.
For parts with A , the VBR is ± 5%
30KPA
PART NUMBER
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN. @IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX. @IT
TEST
CURRENT
IT (mA)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR
MAXIMUN
CLAMPING
VOLTAGE
@IPP VC (V)
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE-28 TO 288 Volts
30000 Watt Peak Pulse Power
REV.2014.05.01
01 | www.spsemi.cn
30KPA(30KW) Series
ÿ
ÿ
(µA)


Similar Part No. - 30KPA270A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30KPA270A LITTELFUSE-30KPA270A Datasheet
129Kb / 5P
   Transient Voltage Suppression Diodes Axial Leaded - 30000W
logo
SUNMATE electronic Co.,...
30KPA270A SUNMATE-30KPA270A Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
TAITRON Components Inco...
30KPA270A TAITRON-30KPA270A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KPA270A SUNMATE-30KPA270A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
MDE Semiconductor, Inc.
30KPA270A MDE-30KPA270A Datasheet
30Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KPA270A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-30KPA SPSEMI-TVS-30KPA Datasheet
325Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 28 to 288 Volts 30000 Watt Peak Pulse Power
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
10KPA SPSEMI-10KPA Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
5KP SPSEMI-5KP Datasheet
677Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 250 Volts
TVS-20KPA SPSEMI-TVS-20KPA Datasheet
324Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 20 to 300 Volts 20000 Watt Peak Pulse Power
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com