Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4259 Datasheet(PDF) 11 Page - Peregrine Semiconductor Corp.

Part # PE4259
Description  SPDT High Power UltraCMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4259 Datasheet(HTML) 11 Page - Peregrine Semiconductor Corp.

Back Button PE4259 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Product Specification
PE4259
Page 11 of 11
©2005-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0134-10 │ www.psemi.com
Table 7. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4259-63 1
259
PE4259G-06SC70-3000C
Green 6-lead SC-70
3000 units / T&R
PE4259SCBC-Z 2
259
PE4259G-06SC70-3000C
Green 6-lead SC-70
3000 units / T&R
EK4259-01 1
PE4259-EK
PE4259-06SC70-EK
Evaluation Kit
1 / Box
EK4259-02 2
PE4259-EK
PE4259-06SC70-EK
Evaluation Kit
1 / Box
Figure 18. Tape and Reel Specifications
Pin 1
Tape Feed Direction
Notes: 1. Hana AYT (Thailand) assembly house. Please contact factory for assembly house details.
2. Hana JX (China) assembly house. Please contact factory for assembly house details.
Advance Information: The product is in a formative or design stage. The datasheet contains design target
specifications for product development. Specifications and features may change in any manner without notice.
Preliminary Specification: The datasheet contains preliminary data. Additional data may be added at a later
date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best
possible product. Product Specification: The datasheet contains final data. In the event Peregrine decides to
change the specifications, Peregrine will notify customers of the intended changes by issuing a CNF (Customer
Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no liability for the use
of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical implant,
or in other applications intended to support or sustain life, or in any application in which the failure of the
Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no
liability for damages, including consequential or incidental damages, arising out of the use of its products in
such applications.
The Peregrine name, logo, and UTSi are registered trademarks and UltraCMOS, HaRP, MultiSwitch and DuNE
are trademarks of Peregrine Semiconductor Corp.
Sales Contact and Information
For Sales and contact information please visit www.psemi.com.


Similar Part No. - PE4259

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
   75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
395Kb / 3P
   75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results

Similar Description - PE4259

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259_14 Datasheet
1,021Kb / 11P
   SPDT High Power UltraCMOS?
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
   SPDT UltraCMOS
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
PE4251 PEREGRINE-PE4251 Datasheet
225Kb / 9P
   SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com