Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3513 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE3513
Description  1500 MHz Low Power UltraCMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3513 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE3513 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0108-06
│ www.psemi.com
VDD = 3.0 V, -40° C ≤ TA ≤ 85° C, unless otherwise specified
The PE3513 is a high-performance static UltraCMOS™
prescaler with a fixed divide ratio of 8. Its operating frequency
range is DC to 1500 MHz. The PE3513 operates on a nominal
3 V supply and draws only 8 mA. The input and output
interfaces support both AC-coupled, low-Z RF as well as direct
connection to low voltage positive logic devices. It is packaged
in a small 6-lead SC-70 and is ideal for frequency scaling
solutions
The PE3513 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
1500 MHz Low Power UltraCMOS™
Divide-by-8 Prescaler
Product Description
Figure 1. Functional Schematic Diagram
PE3513
Features
DC to 1500 MHz operation
Fixed divide ratio of 8
Low-power consumption: 8 mA typical
@ 3V
RF or LV Digital Interface
Ultra-small package: 6-lead SC-70
Table 1. Electrical Specifications (ZS = ZL = 50 Ω)
Figure 2. Package Type
6-lead SC70
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
8
12
mA
Input Frequency (Fin)
DC
1500
MHz
Input Power (Pin)
DC <
Fin ≤ 1000 MHz (Note 1)
-10
+10
dBm
1000 MHz < Fin
≤ 1500
-3
dBm
Output Power (Pout)
DC < Fin
≤ 1500 MHz
2
dBm
Note 1:
CMOS logic levels can be used to drive the reference input if DC coupled. Voltage input needs to be a minimum of 0.5 Vp-p. The
input edge rate should be faster than 80mV/ns from DC - 10 MHz.
D
QB
Q
CLK
D
QB
Q
CLK
Pre-Amp
Output
Buffer
IN
OUT
D
QB
Q
CLK


Similar Part No. - PE3513

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Pasternack Enterprises,...
PE3513 PASTERNACK-PE3513 Datasheet
270Kb / 1P
   CABLE ASSEMBLY RG316/U SMA MALE TO SMA MALE RIGHT ANGLE
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3513-EK PEREGRINE-PE3513-EK Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Pasternack Enterprises,...
PE3513LF PASTERNACK-PE3513LF Datasheet
279Kb / 1P
   Cable Assembly
More results

Similar Description - PE3513

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE9301 PEREGRINE-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com