Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3100LC Datasheet(PDF) 2 Page - StarHope

Part # P3100LC
Description  P thyristor for circuit protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P3100LC Datasheet(HTML) 2 Page - StarHope

  P3100LC Datasheet HTML 1Page - StarHope P3100LC Datasheet HTML 2Page - StarHope P3100LC Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P Device ( series)
DO-15 P solid state protection devices protect telecommunications equipment such as
modems, line cards, fax machines, and other CPE.
P devices are used to enable equipment to meet various regulatory requirements including
GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968 (formerly known as FCC Part 68).
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps **
IH
mAmps
CO
pF
P0080L_
6
25
4
5
800
2.2
50
50-125
P0300L_
25
40
4
5
800
2.2
15
0
70-175
P0640L_
58
77
4
5
800
2.2
150
55-140
P0720L_
65
88
4
5
800
2.2
150
55-140
P0900L_
75
98
4
5
800
2.2
150
55-140
P2300L_
190
260
4
5
800
2.2
150
45-115
P2600L_
220
300
4
5
800
2.2
150
40-100
P3100L_
275
350
4
5
800
2.2
150
35-90
P3500L_
320
400
4
5
800
2.2
150
30-75
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
Thermal Considerations
Package
DO-15
Symbol
Parameter
Value
Unit
TJ
Operating Junction
Temperature
-40 to +150
°C
TS
Storage
Temperature Range
-65 to +150
°C
RBJA
Thermal
Resistance:
Junction to Ambient
90
°C/W
1.0 (25.4)
MIN.
0.140 (3.6)
0.104 (2.6)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
DO-204AC
(DO-15)
Dimensions in inches and(millimeters)
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.
29
* For individual “LA”, “LB”, and “LC”surge ratings, see table below
Thyristor/DO-15 Series
REV.2014.05.01
02 | www.spsemi.cn


Similar Part No. - P3100LC

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P3100LC SOCAY-P3100LC Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
logo
Shanghai Leiditech Elec...
P3100LC LEIDITECH-P3100LC Datasheet
880Kb / 9P
   Thyristor Surge Suppressors
logo
UN Semiconducctor INC
P3100LC UNSEMI-P3100LC Datasheet
3Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P3100LC

ManufacturerPart #DatasheetDescription
logo
StarHope
SMB SPSEMI-SMB Datasheet
777Kb / 3P
   P thyristor for circuit protection
P0080EA SPSEMI-P0080EA Datasheet
640Kb / 3P
   P thyristor for circuit protection
SMA SPSEMI-SMA Datasheet
741Kb / 3P
   P thyristor for circuit protection
logo
HuaXinAn Electronics CO...
P0080SALRP HUAXINAN-P0080SALRP_14 Datasheet
673Kb / 8P
   Protection Thyristor
logo
Guangdong Kexin Industr...
SP1200SA KEXIN-SP1200SA Datasheet
1Mb / 2P
   Protection Thyristor
logo
HuaXinAn Electronics CO...
P0080EAL HUAXINAN-P0080EAL_14 Datasheet
617Kb / 7P
   Protection Thyristor
logo
Murata Manufacturing Co...
PTH9M0 MURATA-PTH9M0 Datasheet
32Kb / 1P
   POSISTOR for Circuit Protection
PRF18BA471QB5RB MURATA-PRF18BA471QB5RB Datasheet
1Mb / 104P
   POSISTOR for Circuit Protection
logo
HuaXinAn Electronics CO...
P3500LA HUAXINAN-P3500LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P2300LA HUAXINAN-P2300LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com