Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSM035 Datasheet(PDF) 1 Page - StarHope

Part # DSM035
Description  Surface Mount Devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

DSM035 Datasheet(HTML) 1 Page - StarHope

  DSM035 Datasheet HTML 1Page - StarHope DSM035 Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
Surface Mount Devices
Almost anywhere there is a low voltage
Lead free device
power supply, up to 15V and a load to be
Size 1.5*0.8 mm / 0.06*0.03 inch
protected, including:
Surface Mount packaging
Computer mother board, Modem. USB hub
for automated assembly
PDAs & Charger, Analog & digital line card
Digital cameras, Disk drivers, CD-ROMs,
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
DSM010
1.45
1.85
0.65
1.05
0.40
1.00
0.15
0.10
DSM020
1.45
1.85
0.65
1.05
0.40
1.00
0.15
0.10
DSM025
1.45
1.85
0.65
1.05
0.40
1.00
0.15
0.10
DSM035
1.45
1.85
0.65
1.05
0.40
1.00
0.15
0.10
DSM050
1.45
1.85
0.65
1.05
0.50
1.10
0.15
0.10
DSM075
1.45
1.85
0.65
1.05
0.50
1.10
0.15
0.10
DSM100
1.45
1.85
0.65
1.05
0.50
1.10
0.15
0.10
Test
Conditions
Resistance change
Passive aging
+85°C, 1000 hrs.
±5% typical
Humidity aging
+85°C, 85% R.H. , 168 hours
±5% typical
Thermal shock
+85°C to -40°C, 20 times
±33% typical
Resistance to solvent
MIL-STD-202,Method 215
No change
Vibration
MIL-STD-202,Method 201
No change
Ambient operating conditions : - 40 °C to +85 °C
Maximum surface temperature of the device in the tripped state is 125 °C
Terminal pad materials
Tin-Plated Nickle-Copper or Gold-Plated Nickle-Copper
Terminal pad solderability
Meets EIA specification RS186-9E and ANSI/J-STD-002 Category 3.
Model
Environmental Specifications
Termination pad characteristics
Dimensions(mm)
Product dimensions (mm)
C
A
B
C
D
E
A
B
1
1.0士0.1
0.7士0.1
0.7 士0.1
PPTC/DSM Series
01 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - DSM035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
logo
Cornell Dubilier Electr...
DSM CDE-DSM Datasheet
432Kb / 4P
   AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly
logo
Murata Power Solutions ...
DSM MURATA-PS-DSM Datasheet
301Kb / 9P
   Dual Output, 3.3V and 5V, 15Watt DC/DC Converters
2018
logo
Yamaichi Electronics Co...
DSM-09P-G2-V YAMAICHI-DSM-09P-G2-V Datasheet
72Kb / 2P
   90째 SMT Type
DSM-09P-G2-V-PC99 YAMAICHI-DSM-09P-G2-V-PC99 Datasheet
72Kb / 2P
   90째 SMT Type
More results

Similar Description - DSM035

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM SPSEMI-TSM Datasheet
826Kb / 2P
   Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
   Surface Mount Devices
USM SPSEMI-USM Datasheet
280Kb / 2P
   Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
   Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
   Surface-mount Devices
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
   Surface mount devices
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com