Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM030 Datasheet(PDF) 2 Page - StarHope

Part # TSM030
Description  Surface Mount Devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSM030 Datasheet(HTML) 2 Page - StarHope

  TSM030 Datasheet HTML 1Page - StarHope TSM030 Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Ihold Itrip Vmax Imax Pd max
Current
Time
Rmin
Rmax
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(Ω)
(Ω)
TSM030
0.30
0.60
60
100
0.9
1.50
3.0
0.500
2.300
TSM050
0.55
1.20
60
100
1.0
2.5
3.00
0.200
1.000
TSM100
1.00
2.20
15
100
1.1
8.0
0.40
0.060
0.360
TSM100/33
1.00
2.20
33
100
1.1
8.0
0.4
0.060
0.360
TSM150
1.50
3.00
15.0
100
1.1
8.0
0.8
0.050
0.170
TSM200
2.00
4.00
10
100
1.1
8.0
2.4
0.030
0.100
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
Model
—40℃ —20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
TSM030
0.480
0.42 0.350 0.30 0.240
0.21
0.17
0.15
0.100
TSM050
0.87
0.77
0.67
0.55 0.460
0.41
0.36
0.31
0.23
TSM100
1.71
1.52
1.32
1.00 0.940
0.84
0.74
0.64
0.50
TSM100/33
1.71
1.52
1.32
1.00 0.940
0.84
0.74
0.64
0.50
TSM150
2.38
2.10
1.82
1.50 1.270
1.13
0.99
0.85
0.64
TSM200
2.95
2.65
2.35
2.00 1.740
1.59
1.44
1.29
1.06
maximun ambient operating temperature(Tmao)vs.hold current(Ihold)
Ihold versus tempetature
Trip current:Minimum current at which the device will always trip in 25℃ still air
Maximum Time To Trip Resistance
Hold Current:Maximum current device will not trip in 25℃ still air.
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Electrical characteristics(25℃ )
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
Package Information
Reel:
TSM030~050
1500pcs/Reel
TSM100~200
2500pcs/Reel
Thermal Derating Curve
Typical Time-To-Trip At 25°C
Derating Curves for SMD2018 Series
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
Temperature (°C)
Average Time Current Curves
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Current In Amperes
050
100
150
200
133
030
PPTC/TSM Series
02 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - TSM030

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM032NH04CR TSC-TSM032NH04CR Datasheet
601Kb / 7P
   Power Transistor
D2207
TSM032NH04CRRLG TSC-TSM032NH04CRRLG Datasheet
601Kb / 7P
   Power Transistor
D2207
TSM032NH04LCR TSC-TSM032NH04LCR Datasheet
607Kb / 7P
   Power Transistor
D2207
TSM032NH04LCRRLG TSC-TSM032NH04LCRRLG Datasheet
607Kb / 7P
   Power Transistor
D2207
TSM033NA03CR TSC-TSM033NA03CR Datasheet
419Kb / 6P
   N-Channel Power MOSFET
More results

Similar Description - TSM030

ManufacturerPart #DatasheetDescription
logo
StarHope
MSM SPSEMI-MSM Datasheet
505Kb / 3P
   Surface Mount Devices
USM SPSEMI-USM Datasheet
280Kb / 2P
   Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
   Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
   Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
   Surface-mount Devices
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
   Surface mount devices
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com