Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSD05L4U Datasheet(PDF) 1 Page - StarHope

Part # TUSD05L4U
Description  Low Capacitance TVS Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TUSD05L4U Datasheet(HTML) 1 Page - StarHope

  TUSD05L4U Datasheet HTML 1Page - StarHope TUSD05L4U Datasheet HTML 2Page - StarHope TUSD05L4U Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APPLICATIONS
◆ High Defi nition Multi-Media Interface (HDMI)
◆ Digital Visual Interface (DVI)
◆ MDDI Ports
◆ PCI Express
◆ Serial ATA
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
◆ IEC61000-4-5 (Lightning) 5A (8/20µs)
DSON-10
◆ Unifi ed Display Interface (UDI)
Ultra Low Capacitance TVS Diode Array
FEATURES
◆ 150 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects two or four I/O lines
◆ Low capacitance: 0.3pF typical (I/O to I/O)
◆ Low operating voltage: 5V
◆ RoHS Compliant
MECHANICAL CHARACTERISTICS
◆ DSON-10 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 15 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
PIN CONFIGURATION
1
TUSD05L4U
Low Capacitance TVS Diode Array
ESD/TUSD** Series
01 | www.spsemi.cn
REV.2014.05.01


Similar Part No. - TUSD05L4U

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05C2U SPSEMI-TUSD05C2U Datasheet
50Kb / 3P
   Electro-Static Discharge TUSD05C2U Small Package TVS Diode
TUSD05CB SPSEMI-TUSD05CB Datasheet
492Kb / 3P
   Bidirectional TVS Diode
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
   Unidirectional TVS Diode
TUSD05EB SPSEMI-TUSD05EB Datasheet
73Kb / 3P
   Electro-Static Discharge TUSD05EB Bidirectional TVS Diode
TUSD05FB SPSEMI-TUSD05FB Datasheet
489Kb / 3P
   Low Capacitance TVS Diode Array
More results

Similar Description - TUSD05L4U

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com