Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC8108-13 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC8108-13
Description  85m廓 High Function Power Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8108-13 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC8108-13 Datasheet HTML 1Page - Torex Semiconductor XC8108-13 Datasheet HTML 2Page - Torex Semiconductor XC8108-13 Datasheet HTML 3Page - Torex Semiconductor XC8108-13 Datasheet HTML 4Page - Torex Semiconductor XC8108-13 Datasheet HTML 5Page - Torex Semiconductor XC8108-13 Datasheet HTML 6Page - Torex Semiconductor XC8108-13 Datasheet HTML 7Page - Torex Semiconductor XC8108-13 Datasheet HTML 8Page - Torex Semiconductor XC8108-13 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
XC8108 Series
85mΩ High Function Power Switch
GENERAL DESCRIPTION
The XC8108 series is a P-channel MOSFET power switch IC with a low ON resistance. A current limit, reverse current
prevention (prevents reverse current from VOUT to VIN), soft start, thermal shutdown, and an under voltage lockout (UVLO) are
incorporated as protective functions. A flag function monitors the power switch status. The flag output has N-channel open
drain structure, and outputs Low level signal while over-current or overheating is detected, or while the reverse current
prevention is operated.
A variable current limiting function is integrated, allowing the current limit value to be set, using an external resistor.
The voltage level which is fed to CE pin determines the status of XC8108. The logic level of CE pin is selectable between
either one of active high or active low.
APPLICATIONS
Set Top Boxes
Digital TVs
PCs
USB Ports/USB Hubs
HDMI
FEATURES
Input Voltage
: 2.5V~5.5V
Output Current
: 2A
ON Resistance
: 85mΩ@VIN=5.0V (TYP.)
Supply Current
: 40μA@ VIN=5.0V
Stand-by Current
: 0.1μA (TYP.)
Flag Delay Time
: 7.5ms (TYP.)
* At over-current detection
: 4ms (TYP.)
* At reverse voltage detection
Protection Circuit
: Reverse Current Prevention
0.9A~2.4A(TYP.)
Thermal Shutdown
Under Voltage Lockout(UVLO)
Soft-start
Functions
: Flag Output
CE Pin Input Logic Selectable
Current Limit Response Time
: 2μs (TYP.)
*Reference value
Operating Ambient Temperature
: -40℃~+105℃
Packages
: USP-6C
Environmentally Friendly
: EU RoHS Compliant, Pb Free
TYPICAL APPLICATION CIRCUIT
ETR33004-005a
TYPICAL PERFORMANCE
CHARACTERISTICS
XC8108xC20ER
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Current : IOUT [A]
RILIM=39.2kΩ
RILIM=18.4kΩ
RILIM=5.76kΩ
RILIM=0kΩ
CIN=1.0μF(ceramic), CL=1.0μF(ceramic)


Similar Part No. - XC8108-13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8108 TOREX-XC8108 Datasheet
658Kb / 25P
   85m廓 High Function Power Switch
XC8108AC20ER-G TOREX-XC8108AC20ER-G Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8108AD20ER-G TOREX-XC8108AD20ER-G Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8108BC20ER-G TOREX-XC8108BC20ER-G Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8108BD20ER-G TOREX-XC8108BD20ER-G Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
More results

Similar Description - XC8108-13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8109 TOREX-XC8109 Datasheet
678Kb / 26P
   85m廓 High Function Power Switch
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107_13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108_13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108 Datasheet
658Kb / 25P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
SeCoS Halbleitertechnol...
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
   30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
   100m廓 power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com