Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXTC-HE73SR Datasheet(PDF) 5 Page - Fox Electronics

Part # FXTC-HE73SR
Description  7 x 5mm 3.3V TCXO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXTC-HE73SR Datasheet(HTML) 5 Page - Fox Electronics

  FXTC-HE73SR Datasheet HTML 1Page - Fox Electronics FXTC-HE73SR Datasheet HTML 2Page - Fox Electronics FXTC-HE73SR Datasheet HTML 3Page - Fox Electronics FXTC-HE73SR Datasheet HTML 4Page - Fox Electronics FXTC-HE73SR Datasheet HTML 5Page - Fox Electronics FXTC-HE73SR Datasheet HTML 6Page - Fox Electronics FXTC-HE73SR Datasheet HTML 7Page - Fox Electronics FXTC-HE73SR Datasheet HTML 8Page - Fox Electronics FXTC-HE73SR Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Model: FXTC-HE73 Series
Preliminary
Page 5 of 5
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
Doc #100909
A
An
n IIn
ntte
eg
grra
atte
ed
d D
De
ev
viic
ce
e T
Te
ec
ch
hn
no
ollo
og
gy
y,, IIn
nc
c.. C
Co
om
mp
pa
an
ny
y
Phase Noise was measured on an Agilent 5052A Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 3.3V.
15.36MHz only to 5MHz offset due to Equipment Limitation.
Jitter is frequency dependent. Below are typical measured values at select frequencies.
Phase Jitter is integrated from Agilent 5052A Phase Noise Measurement System; measured directly into 50 ohm input; VDD = 3.3V.
TIE was measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software; VDD = 3.3V.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Rj and Dj, measured on LeCroy LC684 Digital Storage Scope, directly into 50 ohm input, with Amherst M1 software.
Per MJSQ spec (Methodologies for Jitter and Signal Quality specifications)
Phase Jitter & Time Interval Error (TIE)
Frequency
Phase Jitter
12kHz to 20MHz (Fo = 156.16 MHz)
12kHz to 5MHz (Fo = 15.36 MHz)
T I E
(Sigma of Jitter Distribution)
Units
15.36 MHz
0.94
3.5
pS RMS
156.16 MHz
1.10
3.9
pS RMS
Random & Deterministic Jitter Composition
Frequency
Random (Rj)
(pS RMS)
Deterministic (Dj)
(pS P-P)
Total Jitter (Tj)
(14 x Rj) + Dj
15.36 MHz
1.68
8.7
32.7
156.16 MHz
1.47
10.3
31.3
Phase Noise


Similar Part No. - FXTC-HE73SR

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
FXT000158 ASI-FXT000158 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Advanced Semiconductor
FXT0D0158REV.B ASI-FXT0D0158REV.B Datasheet
2Mb / 5P
   Silicon MOSFET Technology
More results

Similar Description - FXTC-HE73SR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com