Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXU-PC526R Datasheet(PDF) 5 Page - Fox Electronics

Part # FXU-PC526R
Description  LVPECL 5 x 3.2mm 2.5V Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-PC526R Datasheet(HTML) 5 Page - Fox Electronics

  FXU-PC526R Datasheet HTML 1Page - Fox Electronics FXU-PC526R Datasheet HTML 2Page - Fox Electronics FXU-PC526R Datasheet HTML 3Page - Fox Electronics FXU-PC526R Datasheet HTML 4Page - Fox Electronics FXU-PC526R Datasheet HTML 5Page - Fox Electronics FXU-PC526R Datasheet HTML 6Page - Fox Electronics FXU-PC526R Datasheet HTML 7Page - Fox Electronics FXU-PC526R Datasheet HTML 8Page - Fox Electronics FXU-PC526R Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-PC52 Series
Page 5 of 11
© 2014 FOX ELECTRONICS | ISO9001:2008 Certified
An Integrated Device Technology, Inc. company
.
Phase Jitter is integrated from Agilent 5052A Signal Noise Analyzer; measured directly into 50 ohm input; VDD = 2.5V.
LVPECL Phase Jitter (typical measurement at 125 MHz)
Frequency
Phase Jitter (pS)
(12kHz to 20MHz)
125 MHz
0.304
Phase Noise (typical measurement at 125 MHz)


Similar Part No. - FXU-PC526R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
More results

Similar Description - FXU-PC526R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXO-PC52 FOX-FXO-PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FVXO-PC52 FOX-FVXO-PC52 Datasheet
348Kb / 15P
   LVPECL 5 x 3.2mm 2.5V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com