Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXTC-HE73PJ Datasheet(PDF) 8 Page - Fox Electronics

Part # FXTC-HE73PJ
Description  7 x 5mm 3.3V TCXO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXTC-HE73PJ Datasheet(HTML) 8 Page - Fox Electronics

Back Button FXTC-HE73PJ Datasheet HTML 3Page - Fox Electronics FXTC-HE73PJ Datasheet HTML 4Page - Fox Electronics FXTC-HE73PJ Datasheet HTML 5Page - Fox Electronics FXTC-HE73PJ Datasheet HTML 6Page - Fox Electronics FXTC-HE73PJ Datasheet HTML 7Page - Fox Electronics FXTC-HE73PJ Datasheet HTML 8Page - Fox Electronics FXTC-HE73PJ Datasheet HTML 9Page - Fox Electronics FXTC-HE73PJ Datasheet HTML 10Page - Fox Electronics FXTC-HE73PJ Datasheet HTML 11Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Model: FXTC-HE73 Series
Preliminary
Page 8 of 8
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
Doc #100909
A
An
n IIn
ntte
eg
grra
atte
ed
d D
De
ev
viic
ce
e T
Te
ec
ch
hn
no
ollo
og
gy
y,, IIn
nc
c.. C
Co
om
mp
pa
an
ny
y
Tape and Reel Dimensions (mm)
Labeling
(Reels and smaller packaging are labeled with the below) [Subject to Review]
 Fox Part Number: 775-15.36-2
 Quantity:
500 pieces
LOT #
24435
 Description: FXTC-HE73PR-15.360
 Date Code
0745
(YYWW 2007 45
th wk)
775-15.360-2
FXTC-HE73PR-15.360
500


Similar Part No. - FXTC-HE73PJ

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
FXT000158 ASI-FXT000158 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Advanced Semiconductor
FXT0D0158REV.B ASI-FXT0D0158REV.B Datasheet
2Mb / 5P
   Silicon MOSFET Technology
More results

Similar Description - FXTC-HE73PJ

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com