Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTP45N06 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTP45N06
Description  Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP45N06 Datasheet(HTML) 4 Page - ON Semiconductor

  NTP45N06 Datasheet HTML 1Page - ON Semiconductor NTP45N06 Datasheet HTML 2Page - ON Semiconductor NTP45N06 Datasheet HTML 3Page - ON Semiconductor NTP45N06 Datasheet HTML 4Page - ON Semiconductor NTP45N06 Datasheet HTML 5Page - ON Semiconductor NTP45N06 Datasheet HTML 6Page - ON Semiconductor NTP45N06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTP45N06, NTB45N06
http://onsemi.com
4
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE
(VOLTS)
Qg, TOTAL GATE CHARGE (nC)
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ, STARTING JUNCTION TEMPERATURE (°C)
1000
100
10
1
0.1
1000
100
1
12
10
8
6
4
2
0
280
240
200
160
120
80
40
0
50
40
30
20
10
0
10
3600
3200
10
2800
2400
15
5
020
2000
1600
1200
800
0
5
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
25
0
16
20
12
824
4
1
10
100
0.6
0.76 0.8
0.72
0.68
0.92
0.64
1.04
0.10
10
100
1
25
125
150
100
75
175
50
400
0.84 0.88
0.96
10
28
32
36
1
ID = 45
TJ = 25°C
VGS
VGS = 0 V
VDS = 0 V
TJ = 25°C
Crss
Ciss
Coss
Crss
Ciss
VGS = 20 V
SINGLE PULSE
TC = 25°C
VDS = 30 V
ID = 45 A
VGS = 10 V
VGS = 0 V
TJ = 25°C
ID = 45 A
tr
td(off)
td(on)
tf
RDS(on) Limit
QT
Q2
Q1
10 ms
1 ms
100
ms
dc
VGS
VDS
Thermal Limit
Package Limit


Similar Part No. - NTP45N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP45N06 ONSEMI-NTP45N06 Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
NTP45N06 ONSEMI-NTP45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTP45N06 ONSEMI-NTP45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTP45N06/D ONSEMI-NTP45N06/D Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
NTP45N06D ONSEMI-NTP45N06D Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
More results

Similar Description - NTP45N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP45N06L ONSEMI-NTP45N06L Datasheet
87Kb / 8P
   45 Amps, 60 Volts, Logic Level, N?묬hannel TO??20 and D2PAK
August, 2004 ??Rev. 1
NTBV45N06 ONSEMI-NTBV45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTB45N06T4G ONSEMI-NTB45N06T4G Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTP75N03-06 ONSEMI-NTP75N03-06 Datasheet
60Kb / 8P
   Power MOSFET 75 Amps, 30 Volts N?묬hannel TO??20 and D2PAK
December, 2003 ??Rev. 4
NTB85N03T4G ONSEMI-NTB85N03T4G Datasheet
83Kb / 7P
   Power MOSFET 85 Amps, 28 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
NTB4302T4G ONSEMI-NTB4302T4G Datasheet
86Kb / 7P
   Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 3
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
   Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com