Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBI40N-120 Datasheet(PDF) 7 Page - Fuji Electric

Part # 7MBI40N-120
Description  IGBT(1200V/40A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBI40N-120 Datasheet(HTML) 7 Page - Fuji Electric

  7MBI40N-120 Datasheet HTML 1Page - Fuji Electric 7MBI40N-120 Datasheet HTML 2Page - Fuji Electric 7MBI40N-120 Datasheet HTML 3Page - Fuji Electric 7MBI40N-120 Datasheet HTML 4Page - Fuji Electric 7MBI40N-120 Datasheet HTML 5Page - Fuji Electric 7MBI40N-120 Datasheet HTML 6Page - Fuji Electric 7MBI40N-120 Datasheet HTML 7Page - Fuji Electric 7MBI40N-120 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
0
50
100
150
200
250
300
0
200
400
600
800
1000
800V
600V
V
CC =400V
0
5
10
15
20
25
Dynamic input characteristics
T
j=25°C
Gate charge : Q
G [nC]
100
100
1000
t
f
t
r
t
off
t
on
Switching time vs. R
G
V
CC =600V, I C=15A, V GE =±15V, Tj=25°C
Gate resistance : R
G []
0
200
400
600
800
1000
1200
0
50
100
150
RBSOA (Repetitive pulse)
SCSOA
(non-repetitive pulse)
Reversed biased safe operating area
+V
GE =15V, -VGE < 15V, T j< 125ßC, R G> 51
Collector-Emitter voltage : V
CE [V]
0
10
20
30
0
1
2
3
Collector Current : I
C [A]
Err 25°C
E
rr 125°C
E
off 25°C
E
on 25°C
E
off 125°C
E
on 125°C
Switching loss vs. Collector current
V
CC =600V, R G=51, V GE =±15V
0
5
10
15
20
25
30
35
0,1
1
10
Collector-Emitter Voltage : V
CE [V]
C
res
C
oes
C
ies
Capacitance vs. Collector-Emitter voltage
T
j=25°C
Brake Chopper IGBT


Similar Part No. - 7MBI40N-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBI100N-060 FUJI-7MBI100N-060 Datasheet
199Kb / 8P
   IGBT(600V/100A)
7MBI50N-120 FUJI-7MBI50N-120 Datasheet
198Kb / 8P
   IGBT MODULE(1200V,50A)
7MBI75N-060 FUJI-7MBI75N-060 Datasheet
198Kb / 8P
   IGBT(600V/75A)
More results

Similar Description - 7MBI40N-120

ManufacturerPart #DatasheetDescription
logo
MacMic
MM40G3U120B MACMIC-MM40G3U120B Datasheet
626Kb / 5P
   1200V 40A IGBT
MM40G3T120B MACMIC-MM40G3T120B Datasheet
290Kb / 5P
   1200V 40A IGBT
MM40G3U120BX MACMIC-MM40G3U120BX Datasheet
625Kb / 5P
   1200V 40A IGBT
MMG40S120B6UC MACMIC-MMG40S120B6UC Datasheet
359Kb / 6P
   1200V 40A IGBT Module
logo
Rohm
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
   1200V 40A Field Stop Trench IGBT
RGS80TSX2DHR ROHM-RGS80TSX2DHR Datasheet
1Mb / 13P
   1200V 40A Field Stop Trench IGBT
2020.09 - Rev.C
RGS80TSX2HR ROHM-RGS80TSX2HR Datasheet
902Kb / 10P
   1200V 40A Field Stop Trench IGBT
2020.06 - Rev.B
RGS80TSX2 ROHM-RGS80TSX2 Datasheet
926Kb / 10P
   1200V 40A Field Stop Trench IGBT
logo
Micro Commercial Compon...
MIW40N120 MCC-MIW40N120 Datasheet
2Mb / 6P
   Trench and Field Stop IGBT 1200V 40A
Rev.3-1-05072020
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
   Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com