Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXU-MC516R Datasheet(PDF) 7 Page - Fox Electronics

Part # FXU-MC516R
Description  LVDS 5 x 3.2mm 1.8V Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-MC516R Datasheet(HTML) 7 Page - Fox Electronics

Back Button FXU-MC516R Datasheet HTML 3Page - Fox Electronics FXU-MC516R Datasheet HTML 4Page - Fox Electronics FXU-MC516R Datasheet HTML 5Page - Fox Electronics FXU-MC516R Datasheet HTML 6Page - Fox Electronics FXU-MC516R Datasheet HTML 7Page - Fox Electronics FXU-MC516R Datasheet HTML 8Page - Fox Electronics FXU-MC516R Datasheet HTML 9Page - Fox Electronics FXU-MC516R Datasheet HTML 10Page - Fox Electronics FXU-MC516R Datasheet HTML 11Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-LC51 Series
Page 7 of 11
© 2014 FOX ELECTRONICS | ISO9001:2000 Certified
An Integrated Device Technology, Inc. company
Mechanical Dimensional Drawing & Pad Layout
Actual part marking
is depicted.
See Traceability (pg. 9)
for more information
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
NOTE:
XPRESSO-ULTRA LVDS XOs are designed
to fit on Industry Standard, 6 pad layouts
Pin Connections
#1) E/D
#4) Output
#2)
NC
#5) Output 2
#3) GND
#6) V
DD


Similar Part No. - FXU-MC516R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-MC520R FOX-FXU-MC520R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-MC525R FOX-FXU-MC525R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-MC526R FOX-FXU-MC526R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-MC528R FOX-FXU-MC528R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXU-MC516R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com