Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-497640-45 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # 10-497640-45
Description  JT/LJT Subminiature Cylindrical Connectors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

10-497640-45 Datasheet(HTML) 5 Page - Amphenol Corporation

  10-497640-45 Datasheet HTML 1Page - Amphenol Corporation 10-497640-45 Datasheet HTML 2Page - Amphenol Corporation 10-497640-45 Datasheet HTML 3Page - Amphenol Corporation 10-497640-45 Datasheet HTML 4Page - Amphenol Corporation 10-497640-45 Datasheet HTML 5Page - Amphenol Corporation 10-497640-45 Datasheet HTML 6Page - Amphenol Corporation 10-497640-45 Datasheet HTML 7Page - Amphenol Corporation 10-497640-45 Datasheet HTML 8Page - Amphenol Corporation 10-497640-45 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
3
JT/LJT
specifications
Crimp Well Data
Solder Well Data
Contact
Well
Nominal
Well
Nominal
Size
Diameter
Well Depth
Diameter
Well Depth
22M
.028 ±.001
.141
.029
22D
.0345 ±.0010
.141
22
.0365 ±.0010
.141
.036
.094
20
.047 ±.001
.209
.044
.125
16
.067 ±.001
.209
.078
.141
12
.100 ±.002
.209
.116
.141
10 (Power)
.137 ±.002
.355
NA
NA
CONTACT RATING
* When tested using silver plated wire.
SERVICE RATING**
FINISH DATA
+.004
–.000
+.004
–.000
+.004
–.004
+.000
–.004
+.004
–.002
Suggested Operating Voltage
Service
(Sea Level)
Test Voltage
Test Voltage
Test Voltage
Test Voltage
Rating
AC (RMS)
DC
(Sea Level)
50,000 ft
70,000 ft
110,000 ft
M
400
500
1300 VRMS
550 VRMS
350 VRMS
200 VRMS
N
300
450
1000 VRMS
400 VRMS
260 VRMS
200 VRMS
I
600
850
1800 VRMS
600 VRMS
400 VRMS
200 VRMS
II
900
1250
2300 VRMS
800 VRMS
500 VRMS
200 VRMS
** Please note that the establishment of electrical safety factors is left entirely in the designer’s hands, since he is in the best position to know what peak voltage,
switching
surges, transients, etc. can be expected in a particular circuit.
Suffix
Finish
Military
Proprietary
Cadmium Plated Nickel Base
MS (A)
Anodic Coating (Alumilite)
MS (C)
(005)
Chromate Treated (Iridite 14-2)
(011)
Olive Drab Cadmium Plate Nickel Base
MS (B)
(014)
Electroless Nickel
MS (F)
(023)
Indicated Finish Standard for
JT Types Listed Below
JT/JTG/JTL/JTP
JTS/JTPS/JTLS
JTN/JTPN/JTLN
Indicated Finish Standard for
LJT Types Listed Below
LJT/LJTP
LJTPS/LJTS
LJTN/LJTPN
Aluminum Shell Components Non-Hermetic
Indicated Finish Standard for
JT Types Listed Below
JT( )H/JT( )Y
JTL( )H/JTL( )Y
JTS( )Y
JTLS( )Y
Indicated Finish Standard for
LJT Types Listed Below
LJT( )Y/LJT( )H
LJTS( )Y
Hermetic Connectors
22M
3
2
45
20
60
22D
5
3
73
85
22
5
3
73
20
85
20
7.5
5
55
20
60
16
13
10
49
20
85
12
23
17
42
20
85
10 (Power)
33
NA
33
NA
NA
Maximum
Test Current
Millivolt Drop
Maximum
Contact
Solder &
Millivolt Drop
Size
Crimp
Hermetic
Crimp*
Solder*
Hermetic*
Suffix
Material/Finish
Military
Proprietary
Carbon Steel Shell
Tin Plated Shell and Contacts
Carbon Steel Shell
MS (D)
Tin Plated Shell and Gold Plated Contacts
Stainless Steel Shell
MS (E)
(162)
Gold Plated Contacts


Similar Part No. - 10-497640-45

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10-497643-15 AMPHENOL-10-497643-15 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
10-497643-25 AMPHENOL-10-497643-25 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
10-497643-35 AMPHENOL-10-497643-35 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
10-497643-45 AMPHENOL-10-497643-45 Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
More results

Similar Description - 10-497640-45

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
JT06A-24-61P AMPHENOL-JT06A-24-61P Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27497T24B4S AMPHENOL-MS27497T24B4S Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27467T17B35S-LC AMPHENOL-MS27467T17B35S-LC Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27473E10B35S AMPHENOL-MS27473E10B35S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
ES27484T22F21S AMPHENOL-ES27484T22F21S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27508E14F5P AMPHENOL-MS27508E14F5P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
M3902976-424 AMPHENOL-M3902976-424 Datasheet
2Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27505E15B35P AMPHENOL-MS27505E15B35P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27484T16F8S-LC AMPHENOL-MS27484T16F8S-LC Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
JT06RE-18-53P AMPHENOL-JT06RE-18-53P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com