Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB390 Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OPB390
Description  Slotted Optical Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB390 Datasheet(HTML) 6 Page - OPTEK Technologies

Back Button OPB390 Datasheet HTML 2Page - OPTEK Technologies OPB390 Datasheet HTML 3Page - OPTEK Technologies OPB390 Datasheet HTML 4Page - OPTEK Technologies OPB390 Datasheet HTML 5Page - OPTEK Technologies OPB390 Datasheet HTML 6Page - OPTEK Technologies OPB390 Datasheet HTML 7Page - OPTEK Technologies OPB390 Datasheet HTML 8Page - OPTEK Technologies OPB390 Datasheet HTML 9Page - OPTEK Technologies OPB390 Datasheet HTML 10Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue D
12/2012
Page 6 of 10
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics (TA = 25
°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Transistor/Diode (See OP240 for additional information—for reference only)
VF
Forward Voltage
-
1.3
1.8
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Diode — OPB355 (See OPB950 for additional information — for reference only)
VBR
Reverse Diode Breakdown Voltage
60
-
-
V
IR = 100 µA, IF = 0, EE = 0
VFD
Forward Voltage Photodiode
-
-
1.2
V
IF = 1 mA, IF = 0, EE = 0
ID
Reverse Dark Current
-
-
60
nA
VR = 30 V, EE = 0, IF = 0
Output Transistor (See OP550 for additional information—for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector-Emitter Dark Current
-
-
100
nA
VCE = 10 V, IF = 0, EE = 0
Coupled
IL
On-State Collector Current
OPB355 (L, N, P, T)
10
-
200
µa
VR = 5 V, IF = 40 mA
VCE(SAT)
Collector-Emitter Saturation Voltage
OPB859
OPB860/870/865/875 (Para. A)
OPB861/871/866/876 (Para. B)
OPB862/872/867/877 (Para. C)
OPB880/890/ (Para. A)
OPB881/891 (Para. B)
OPB882/892 (Para. C)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.4
0.4
0.4
0.6
0.4
0.4
0.6
V
IC = 125 µA, IF = 20 mA
IC = 400 µA, IF = 20 mA
IC = 800 µA, IF = 20 mA
IC = 1800 µA, IF = 20 mA
IC = 400 µA, IF = 20 mA
IC = 800 µA, IF = 10 mA
IC = 1800 µA, IF = 20 mA
On-State Collector Current
OPB36X, OPB37X (T, N, L, P 11)
OPB36X, OPB37X (T, N, L, P 51)
OPB36X, OPB37X (T, N, L, P 55)
OPB38X, OPB39X (T, N, L, P 11)
OPB38X, OPB39X (T, N, L, P 51)
OPB38X, OPB39X (T, N, L, P 55)
1.0
2.5
3.5
1.0
2.5
3.5
-
-
-
-
-
-
5
10
14
5
10
14
mA
VCE = 0.4 V, IF = 20 mA
OPB859
250
-
-
µA
VCE = 10 V, IF = 20 mA
OPB860/870/865/875 (Para. A)
OPB861/871/866/876 (Para. B)
OPB862/872/867/877 (Para. C)
OPB880/890/ (Para. A)
OPB881/891 (Para. B)
OPB882/892 (Para. C
0.5
1.0
1.8
0.5
1.0
1.8
-
-
-
-
-
-
-
-
-
-
-
-
mA
VCE = 10 V, IF = 20 mA
VCE = 5 V, IF = 10 mA
VCE = 0.6 V, IF = 20 mA
VCE = 10 V, IF = 20 mA
VCE = 5 V, IF = 10 mA
VCE = 0.6 V, IF = 20 mA
IC(ON)


Similar Part No. - OPB390

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB390 OPTEK-OPB390 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
logo
TT Electronics.
OPB390 TTELEC-OPB390 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB390 OPTEK-OPB390 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB390 ETC-OPB390 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB390 ETC-OPB390 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com