Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1DMPPA23 Datasheet(PDF) 8 Page - Texas Instruments

Part # L1DMPPA23
Description  OMAP-L137 Low-Power Applications Processor
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

L1DMPPA23 Datasheet(HTML) 8 Page - Texas Instruments

Back Button L1DMPPA23 Datasheet HTML 4Page - Texas Instruments L1DMPPA23 Datasheet HTML 5Page - Texas Instruments L1DMPPA23 Datasheet HTML 6Page - Texas Instruments L1DMPPA23 Datasheet HTML 7Page - Texas Instruments L1DMPPA23 Datasheet HTML 8Page - Texas Instruments L1DMPPA23 Datasheet HTML 9Page - Texas Instruments L1DMPPA23 Datasheet HTML 10Page - Texas Instruments L1DMPPA23 Datasheet HTML 11Page - Texas Instruments L1DMPPA23 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 222 page
background image
OMAP-L137
SPRS563G – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
3
Device Overview
3.1
Device Characteristics
Table 3-1 provides an overview of the OMAP-L137 low power applications processor. The table shows
significant features of the device, including the capacity of on-chip RAM, peripherals, and the package
type with pin count.
Table 3-1. Characteristics of the OMAP-L137 Processor
HARDWARE FEATURES
OMAP-L137
EMIFB
16/32bit, up to 256MB SDRAM
Asynchronous (8/16-bit bus width) RAM, Flash, 16bit up to 128MB SDRAM, NOR,
EMIFA
NAND
Flash Card Interface
MMC and SD cards supported.
EDMA3
32 independent channels, 8 QDMA channels, 2 Transfer controllers
2 64-Bit General Purpose (each configurable as 2 separate 32-bit timers, 1 configurable
Timers
as Watch Dog)
UART
3 (one with RTS and CTS flow control)
SPI
2 (each with one hardware chip select)
I2C
2 (both Master/Slave)
Multichannel Audio
Peripherals
3 (each with transmit/receive, FIFO buffer, 16/12/4 serializers)
Serial Port [McASP]
Not all peripherals pins
10/100 Ethernet MAC
are
available
at
the
with Management Data
1 (RMII Interface)
same time (for more
I/O
detail, see the Device
Configurations section). eHRPWM
6 Single Edge, 6 Dual Edge Symmetric, or 3 Dual Edge Asymmetric Outputs
eCAP
3 32-bit capture inputs or 3 32-bit auxiliary PWM outputs
eQEP
2 32-bit QEP channels with 4 inputs/channel
UHPI
1 (16-bit multiplexed address/data)
USB 2.0 (USB0)
High-Speed OTG Controller with on-chip OTG PHY
USB 1.1 (USB1)
Full-Speed OHCI (as host) with on-chip PHY
General-Purpose
8 banks of 16-bit
Input/Output Port
LCD Controller
1
PRU Subsystem
2 Programmable PRU Cores
(PRUSS)
Size (Bytes)
488KB RAM
DSP
32KB L1 Program (L1P)/Cache (up to 32KB)
32KB L1 Data (L1D)/Cache (up to 32KB)
256KB Unified Mapped RAM/Cache (L2)
DSP Memories can be made accessible to ARM, EDMA3, and other peripherals.
On-Chip Memory
ARM
Organization
16KB I-Cache
16KB D-Cache
8KB RAM (Vector Table)
64KB ROM
ADDITIONAL SHARED MEMORY
128KB RAM
C674x CPU ID + CPU
Control Status Register
0x1400
Rev ID
(CSR.[31:16])
C674x Megamodule
Revision ID Register
0x0000
Revision
(MM_REVID[15:0])
0x0B7D F02F (Silicon Revision 1.0)
JTAG BSDL_ID
DEVIDR0 register
0x8B7D F02F (Silicon Revision 1.1)
0x9B7D F02F (Silicon Revisions 3.0, 2.1, and 2.0)
8
Device Overview
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP-L137


Similar Part No. - L1DMPPA23

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
L1D SAMYANG-L1D Datasheet
918Kb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
More results

Similar Description - L1DMPPA23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137 Datasheet
1Mb / 219P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com