Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F306 Datasheet(PDF) 2 Page - Fox Electronics

Part # F306
Description  HCMOS 3.2x2.5mm 1.0 V SMD Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F306 Datasheet(HTML) 2 Page - Fox Electronics

  F306 Datasheet HTML 1Page - Fox Electronics F306 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
HCMOS 3.2x2.5mm 1.0 V SMD Oscillator
Rev. 12/12/2008
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F300 SERIES
Page 2 of 2
• TAPE SPECIFICATIOnS (millimeters)
MODEL
F300 Series
A
∅1.5
b
4.0
C
4.0
D
3.5
E
8.0
F
1.4
STD Reel QTY
2,000
• REEL SPECIFICATIOnS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅60
K
∅180
L
9.0
M
1.2
MODEL
F300 Series


Similar Part No. - F306

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F30 SEMTECH-F30 Datasheet
121Kb / 3P
   RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F30 POWERBOX-F30 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
New Jersey Semi-Conduct...
F30 NJSEMI-F30 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
logo
Ohmite Mfg. Co.
F30 OHMITE-F30 Datasheet
360Kb / 3P
   Stackable
logo
XP Power Limited
F30 XPPOWER-F30 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - F306

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O3HS FOX-O3HS Datasheet
343Kb / 7P
   HCMOS 3.2x2.5mm SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
   HCMOS 3.2x2.5mm SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F330A FOX-F330A Datasheet
235Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F340 FOX-F340 Datasheet
85Kb / 2P
   HCMOS 3.2x2.5mm 2.5V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com