Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F145 Datasheet(PDF) 2 Page - Fox Electronics

Part # F145
Description  HCMOS 2.0x1.6mm 2.5V SMD Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F145 Datasheet(HTML) 2 Page - Fox Electronics

  F145 Datasheet HTML 1Page - Fox Electronics F145 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
57
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .11283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2011 FOX ELECTRONICS | ISO9001:2008 Certified
HCMOS 2.0x1.6mm 2.5V SMD Oscillator
Rev. 3/9/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F140 SERIES
Page 2 of 2
• TAPE SPECIFICATIOnS (millimeters)
MODEL
F140 Series
A
∅1.5
b
4.0
C
4.0
D
3.5
E
8.0
F
1.15
STD Reel QTY
3,000
• REEL SPECIFICATIOnS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅60
K
∅180
L
9.0
M
1.7
MODEL
F140 Series


Similar Part No. - F145

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1451 IDT-F1451 Datasheet
7Mb / 28P
   TX Digital VGA 700 MHz to 1100 MHz
logo
Renesas Technology Corp
F1451 RENESAS-F1451 Datasheet
9Mb / 26P
   TX Digital VGA 450MHz to 1100MHz
logo
Integrated Device Techn...
F1451EVBK IDT-F1451EVBK Datasheet
7Mb / 28P
   TX Digital VGA 700 MHz to 1100 MHz
logo
Renesas Technology Corp
F1451EVBK RENESAS-F1451EVBK Datasheet
9Mb / 26P
   TX Digital VGA 450MHz to 1100MHz
logo
Integrated Device Techn...
F1451EVSK IDT-F1451EVSK Datasheet
7Mb / 28P
   TX Digital VGA 700 MHz to 1100 MHz
More results

Similar Description - F145

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O1HS FOX-O1HS Datasheet
306Kb / 6P
   HCMOS 2.0x1.6mm SMD Oscillator
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F110 FOX-F110 Datasheet
491Kb / 2P
   HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F130 FOX-F130 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F547 FOX-F547 Datasheet
220Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
FK245 FOX-FK245 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
   HCMOS 2.5x2.0mm 2.5V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
FK345 FOX-FK345 Datasheet
431Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
F340 FOX-F340 Datasheet
85Kb / 2P
   HCMOS 3.2x2.5mm 2.5V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com