Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC3FAAV2-0 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NC3FAAV2-0
Description  XLR Connectors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC3FAAV2-0 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NC3FAAV2-0 Datasheet HTML 5Page - List of Unclassifed Manufacturers NC3FAAV2-0 Datasheet HTML 6Page - List of Unclassifed Manufacturers NC3FAAV2-0 Datasheet HTML 7Page - List of Unclassifed Manufacturers NC3FAAV2-0 Datasheet HTML 8Page - List of Unclassifed Manufacturers NC3FAAV2-0 Datasheet HTML 9Page - List of Unclassifed Manufacturers NC3FAAV2-0 Datasheet HTML 10Page - List of Unclassifed Manufacturers NC3FAAV2-0 Datasheet HTML 11Page - List of Unclassifed Manufacturers NC3FAAV2-0 Datasheet HTML 12Page - List of Unclassifed Manufacturers NC3FAAV2-0 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
20
NC3FXX-HD-D
NC3FXX-HD-D
NC3MXX-HD-D
NC3FX
NC3MX + BSX-5
NC*FX
NC*MX
NC3MXX-HD-B-D
innovative
solutions
I superior quality
XLR
Cable
Connectors
XLR
Cable
Connectors
XX-HD Series
Rubber sealing
protection
Neutrik original
design
The XLR connector standard worldwide
Available in 3 – 7 pin configurations including 6 pin
Switchcraft® configuration
Assembly is quick and easy – no screws or special tools
required
Unique Neutrik chuck type internal strain relief
Female shell has rubber ring for secure mating to male XLR
or microphone
Sleek profile and compact design
Rugged diecast shell
UL Recognized components
"Heavy duty" cable connector for outdoor use
Rubber sealing jacket protects against water ingress and
mechanical shock
Dust and water resistant according IP 67 in mated condition
NC3FXX-HD mates with NC3MPR-HD chassis connector
and NC3MXX-HD cable connector
Gold contacts
Chuck type strain relief system for secure clamping of cables
Rugged zinc diecast shell, longlasting and dependable
*: 3 - 7 contacts
X Series
Female locking
Male metal locking
window


Similar Part No. - NC3FAAV2-0

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC3FAAV2-0 NEUTRIK-NC3FAAV2-0 Datasheet
94Kb / 3P
   3 pole female XLR receptacle, grounding
More results

Similar Description - NC3FAAV2-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
   TINY xlr Cable Connectors
logo
Amphenol Corporation
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
   AX SERIES XLR CABLE CONNECTORS
logo
Pomona Electronics
6856 POMONA-6856 Datasheet
121Kb / 1P
   XLR (F/F), XLR (M/M)
logo
VITALCONN ELECTRONICS H...
XF103G-A VITALCONN-XF103G-A Datasheet
313Kb / 1P
   XLR Connector
logo
XFMRS Inc.
XFRJ458-RXLR1-1 XFMRS-XFRJ458-RXLR1-1 Datasheet
56Kb / 2P
   SINGLE PORT XLR
logo
Amphenol Corporation
AC3FAH-AU-B AMPHENOL-AC3FAH-AU-B Datasheet
2Mb / 16P
   AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
logo
Neutrik AG
NC3MPP NEUTRIK-NC3MPP Datasheet
398Kb / 4P
   XLR Re ceptacles
NA3M5M NEUTRIK-NA3M5M Datasheet
69Kb / 1P
   3 pole XLR male - 5 pole XLR male (gender conversion adapter)
NA3MM NEUTRIK-NA3MM Datasheet
81Kb / 2P
   3 pole XLR male - 3 pole XLR male (gender conversion adapter)
NA5FF NEUTRIK-NA5FF Datasheet
70Kb / 2P
   5 pole XLR female - 5 pole XLR female (gender conversion adapter)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com