Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC3FAAV-0 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NC3FAAV-0
Description  XLR Connectors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC3FAAV-0 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NC3FAAV-0 Datasheet HTML 2Page - List of Unclassifed Manufacturers NC3FAAV-0 Datasheet HTML 3Page - List of Unclassifed Manufacturers NC3FAAV-0 Datasheet HTML 4Page - List of Unclassifed Manufacturers NC3FAAV-0 Datasheet HTML 5Page - List of Unclassifed Manufacturers NC3FAAV-0 Datasheet HTML 6Page - List of Unclassifed Manufacturers NC3FAAV-0 Datasheet HTML 7Page - List of Unclassifed Manufacturers NC3FAAV-0 Datasheet HTML 8Page - List of Unclassifed Manufacturers NC3FAAV-0 Datasheet HTML 9Page - List of Unclassifed Manufacturers NC3FAAV-0 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
17
NC*MRX
NC*FRX
NC3FRX-BAG
NC3FXX-HE
NC3MXX-HE
NC3FXX-HE
NC3MXX-HE
www.neutrik.com
Right angle version of the XX Series – only 20 mm wide
Extra slim right-angle connector
Neutrik chuck type strain relief
5 selectable cable outlet positions on female &
7 position on male connectors
*: 3 - 7 contacts
Exclusive "High End" version of standard XX Series
Premium velour chromium plating provides soft satin finish
Extra high temperature resistant insulator material rated
to 280 °C (536 °F), flammability UL94V-0
Machined female contacts standard
Insert is dark grey to distinguish it from standard XX-Series
insulators
Flammability UL 94V-0
Outlet position
XLR
Cable
Connectors
XLR
Cable
Connectors
RX Series
XX-HE Series
Right angle male
connector
High temperatur
resistant insulator
Velour chromium
housing


Similar Part No. - NC3FAAV-0

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC3FAAV-0 NEUTRIK-NC3FAAV-0 Datasheet
91Kb / 3P
   3 pole female XLR receptacle, grounding
More results

Similar Description - NC3FAAV-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
   TINY xlr Cable Connectors
logo
Amphenol Corporation
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
   AX SERIES XLR CABLE CONNECTORS
logo
Pomona Electronics
6856 POMONA-6856 Datasheet
121Kb / 1P
   XLR (F/F), XLR (M/M)
logo
VITALCONN ELECTRONICS H...
XF103G-A VITALCONN-XF103G-A Datasheet
313Kb / 1P
   XLR Connector
logo
XFMRS Inc.
XFRJ458-RXLR1-1 XFMRS-XFRJ458-RXLR1-1 Datasheet
56Kb / 2P
   SINGLE PORT XLR
logo
Amphenol Corporation
AC3FAH-AU-B AMPHENOL-AC3FAH-AU-B Datasheet
2Mb / 16P
   AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
logo
Neutrik AG
NC3MPP NEUTRIK-NC3MPP Datasheet
398Kb / 4P
   XLR Re ceptacles
NA3M5M NEUTRIK-NA3M5M Datasheet
69Kb / 1P
   3 pole XLR male - 5 pole XLR male (gender conversion adapter)
NA3MM NEUTRIK-NA3MM Datasheet
81Kb / 2P
   3 pole XLR male - 3 pole XLR male (gender conversion adapter)
NA5FF NEUTRIK-NA5FF Datasheet
70Kb / 2P
   5 pole XLR female - 5 pole XLR female (gender conversion adapter)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com