Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAPL137CZKBT3 Datasheet(PDF) 9 Page - Texas Instruments

Part # OMAPL137CZKBT3
Description  OMAP-L137 Low-Power Applications Processor
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAPL137CZKBT3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OMAPL137CZKBT3 Datasheet HTML 5Page - Texas Instruments OMAPL137CZKBT3 Datasheet HTML 6Page - Texas Instruments OMAPL137CZKBT3 Datasheet HTML 7Page - Texas Instruments OMAPL137CZKBT3 Datasheet HTML 8Page - Texas Instruments OMAPL137CZKBT3 Datasheet HTML 9Page - Texas Instruments OMAPL137CZKBT3 Datasheet HTML 10Page - Texas Instruments OMAPL137CZKBT3 Datasheet HTML 11Page - Texas Instruments OMAPL137CZKBT3 Datasheet HTML 12Page - Texas Instruments OMAPL137CZKBT3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 222 page
background image
OMAP-L137
www.ti.com
SPRS563G – SEPTEMBER 2008 – REVISED JUNE 2014
Table 3-1. Characteristics of the OMAP-L137 Processor (continued)
HARDWARE FEATURES
OMAP-L137
674x DSP at 375 MHz(1.2V) or 456 MHz (1.3V)
CPU Frequency
MHz
ARM926 at 375 MHz(1.2V) or 456 MHz (1.3V)
Core (V)
1.2V / 1.3V
Voltage
I/O (V)
3.3 V / 1.8 V (1.8 V for USB only)
Package
17 mm x 17 mm, 256-Ball 1 mm pitch, PBGA (ZKB)
Product Preview (PP),
Advance Information
375 MHz Versions -PD
Product Status(1)
(AI),
456 MHz Version - PD
or Production Data
(PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
3.2
Device Compatibility
The ARM926EJ-S RISC CPU is compatible with other ARM9 CPUs from ARM Holdings plc.
The C674x DSP core is code-compatible with the C6000™ DSP platform and supports features of both
the C64x+ and C67x+ DSP families.
3.3
ARM Subsystem
The ARM Subsystem includes the following features:
ARM926EJ-S RISC processor
ARMv5TEJ (32/16-bit) instruction set
Little endian
System Control Co-Processor 15 (CP15)
MMU
16KB Instruction cache
16KB Data cache
Write Buffer
Embedded Trace Module and Embedded Trace Buffer (ETM/ETB)
ARM Interrupt controller
3.3.1
ARM926EJ-S RISC CPU
The ARM Subsystem integrates the ARM926EJ-S processor. The ARM926EJ-S processor is a member of
ARM9 family of general-purpose microprocessors. This processor is targeted at multi-tasking applications
where full memory management, high performance, low die size, and low power are all important. The
ARM926EJ-S processor supports the 32-bit ARM and 16 bit THUMB instruction sets, enabling the user to
trade off between high performance and high code density. Specifically, the ARM926EJ-S processor
supports the ARMv5TEJ instruction set, which includes features for efficient execution of Java byte codes,
providing Java performance similar to Just in Time (JIT) Java interpreter, but without associated code
overhead.
The ARM926EJ-S processor supports the ARM debug architecture and includes logic to assist in both
hardware and software debug. The ARM926EJ-S processor has a Harvard architecture and provides a
complete high performance subsystem, including:
ARM926EJ -S integer core
CP15 system control coprocessor
Memory Management Unit (MMU)
Separate instruction and data caches
Write buffer
Copyright © 2008–2014, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Links: OMAP-L137


Similar Part No. - OMAPL137CZKBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL137-HT TI-OMAPL137-HT Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAPL137-HT TI1-OMAPL137-HT Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
OMAPL137BHKGD1 TI-OMAPL137BHKGD1 Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAPL137BZKB3 TI-OMAPL137BZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
More results

Similar Description - OMAPL137CZKBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137 Datasheet
1Mb / 219P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com