Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC3FAAH Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NC3FAAH
Description  XLR Connectors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC3FAAH Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NC3FAAH Datasheet HTML 3Page - List of Unclassifed Manufacturers NC3FAAH Datasheet HTML 4Page - List of Unclassifed Manufacturers NC3FAAH Datasheet HTML 5Page - List of Unclassifed Manufacturers NC3FAAH Datasheet HTML 6Page - List of Unclassifed Manufacturers NC3FAAH Datasheet HTML 7Page - List of Unclassifed Manufacturers NC3FAAH Datasheet HTML 8Page - List of Unclassifed Manufacturers NC3FAAH Datasheet HTML 9Page - List of Unclassifed Manufacturers NC3FAAH Datasheet HTML 10Page - List of Unclassifed Manufacturers NC3FAAH Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
18
NC3MXX-14
NC3FXX-14
NC3MXX-14-B
NC3FXX-HA-BAG
NC3MXX-HA
NC3FXX-HA
NC3MXX-HA
NC3FXX-14
innovative
solutions
I superior quality
XLR
Cable
Connectors
XLR
Cable
Connectors
Special version of the XX Series XLR cable connector for
large diameter cables
Incorporates all the features of the XX product series
Rear boot features large opening for use with cable O.D.
8.0 – 10.0 mm
Bulk packed; must be ordered in multiples of 100
Large cable outlet
Ergonomic latch
design
Neutrik hologram
XX-14 Series
3 pin XX Series with crimp contacts
Accommodates wire size AWG 24 - 22 or 0.22 – 0.34 mm2
Utilize standard B-type crimp tool (acc. IEC 60352-2)
Absolute leadfree and solderless connection:
- RoHs compliance
- health and eco-friendly
Fast and easy assembly
Gas-tight connection offers a constant contact resistance
Ideal solution for field and on-site termination
XX Crimp Series


Similar Part No. - NC3FAAH

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC3FAAH NEUTRIK-NC3FAAH Datasheet
89Kb / 3P
   3 pole female XLR receptacle, grounding: without ground/shell contact, horizontal PCB mount
NC3FAAH-0 NEUTRIK-NC3FAAH-0 Datasheet
91Kb / 3P
   3 pole female XLR receptacle, grounding: without ground/shell contact, horizontal PCB mount, retention spring instead of latch
logo
List of Unclassifed Man...
NC3FAAH0-0-B ETC2-NC3FAAH0-0-B Datasheet
801Kb / 21P
   N e u t r i k 짰 P a r t N u m b e r G u i d e
logo
Neutrik AG
NC3FAAH1 NEUTRIK-NC3FAAH1 Datasheet
91Kb / 3P
   3 pole female XLR receptacle, grounding
NC3FAAH1-0 NEUTRIK-NC3FAAH1-0 Datasheet
92Kb / 3P
   3 pole female XLR receptacle, grounding
More results

Similar Description - NC3FAAH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
   TINY xlr Cable Connectors
logo
Amphenol Corporation
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
   AX SERIES XLR CABLE CONNECTORS
logo
Pomona Electronics
6856 POMONA-6856 Datasheet
121Kb / 1P
   XLR (F/F), XLR (M/M)
logo
VITALCONN ELECTRONICS H...
XF103G-A VITALCONN-XF103G-A Datasheet
313Kb / 1P
   XLR Connector
logo
XFMRS Inc.
XFRJ458-RXLR1-1 XFMRS-XFRJ458-RXLR1-1 Datasheet
56Kb / 2P
   SINGLE PORT XLR
logo
Amphenol Corporation
AC3FAH-AU-B AMPHENOL-AC3FAH-AU-B Datasheet
2Mb / 16P
   AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
logo
Neutrik AG
NC3MPP NEUTRIK-NC3MPP Datasheet
398Kb / 4P
   XLR Re ceptacles
NA3M5M NEUTRIK-NA3M5M Datasheet
69Kb / 1P
   3 pole XLR male - 5 pole XLR male (gender conversion adapter)
NA3MM NEUTRIK-NA3MM Datasheet
81Kb / 2P
   3 pole XLR male - 3 pole XLR male (gender conversion adapter)
NA5FF NEUTRIK-NA5FF Datasheet
70Kb / 2P
   5 pole XLR female - 5 pole XLR female (gender conversion adapter)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com