Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MBP75RA120 Datasheet(PDF) 4 Page - Fuji Electric

Part # 6MBP75RA120
Description  IGBT-IPM(1200V/75A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP75RA120 Datasheet(HTML) 4 Page - Fuji Electric

  6MBP75RA120 Datasheet HTML 1Page - Fuji Electric 6MBP75RA120 Datasheet HTML 2Page - Fuji Electric 6MBP75RA120 Datasheet HTML 3Page - Fuji Electric 6MBP75RA120 Datasheet HTML 4Page - Fuji Electric 6MBP75RA120 Datasheet HTML 5Page - Fuji Electric 6MBP75RA120 Datasheet HTML 6Page - Fuji Electric 6MBP75RA120 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6MBP75RA120
IGBT-IPM
Characteristics (Representative)
Control Circuit
0
10
20
30
40
50
0
5
10
15
20
25
P o w e r s upp ly c u rrent v s . S w itc h ing fre quenc y
T j= 1 00°C
N-s id e
P-s id e
S w itc hing fre qu e nc y : fs w (k H z)
Vcc = 1 3V
Vcc = 1 3V
Vcc = 1 5V
Vcc = 1 5V
Vcc = 1 7V
Vcc = 1 7V
0
0.5
1
1.5
2
2.5
12
13
14
15
16
17
18
In pu t signal thre sh old vo ltage
vs. Po w er su p p ly voltag e
P ow e r s up p ly voltag e : V cc (V )
Tj= 2 5°C
Tj= 1 25 °C
} V in(o n)
} V in(o ff)
0
2
4
6
8
10
12
14
20
40
60
80
1 0 0
1 2 0
1 4 0
U nde r v o lta g e v s . Junc tion te m p erature
J u nctio n te m p erature : Tj (°C )
0
0.2
0.4
0.6
0.8
1
20
40
60
80
10 0
120
14 0
U nde r vo ltage hys teris is v s . J nc tio n te m p erature
J unc tio n te m p erature : Tj ( °C )
0
0.5
1
1.5
2
2.5
3
12
13
14
15
16
17
18
A larm h o ld tim e vs . P o w e r s u p p ly vo ltage
P ow e r s up p ly vo lta g e : V cc (V )
Tj= 12 5°C
Tj= 2 5°C
0
50
10 0
15 0
20 0
12
13
14
15
16
17
18
O ver he a ting ch aracte ristics
TcO H ,TjO H ,Tc H ,TjH vs . V c c
Pow e r s up p ly voltag e : Vc c (V )
TjO H
TcO H
TcH ,T jH


Similar Part No. - 6MBP75RA120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP75RA-120 FUJI-6MBP75RA-120 Datasheet
283Kb / 6P
   Intelligent Power Module ( R-Series )
6MBP75RA060 FUJI-6MBP75RA060 Datasheet
776Kb / 7P
   IGBT-IPM(600V/75A)
6MBP75RA060 FUJI-6MBP75RA060 Datasheet
339Kb / 7P
   IGBT-IPM
6MBP75RA060 FUJI-6MBP75RA060_00 Datasheet
339Kb / 7P
   IGBT-IPM
More results

Similar Description - 6MBP75RA120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP75RA120 FUJI-7MBP75RA120 Datasheet
404Kb / 8P
   IGBT-IPM(1200V/75A)
6MBP75VDA120-50 FUJI-6MBP75VDA120-50 Datasheet
590Kb / 8P
   IGBT MODULE (V series) 1200V / 75A / IPM
7MBP75VDA120-50 FUJI-7MBP75VDA120-50 Datasheet
694Kb / 11P
   IGBT MODULE (V series) 1200V / 75A / IPM
6MBI75S-120 FUJI-6MBI75S-120 Datasheet
506Kb / 4P
   IGBT(1200V/75A)
2MBI75L-120 FUJI-2MBI75L-120 Datasheet
126Kb / 4P
   IGBT(1200V 75A)
2MBI75F-120 FUJI-2MBI75F-120 Datasheet
125Kb / 4P
   IGBT(1200V 75A)
logo
MacMic
MM75G5U120BM MACMIC-MM75G5U120BM Datasheet
320Kb / 7P
   1200V 75A IGBT
September 2022 Version 01
logo
Fuji Electric
2MBI75N-120 FUJI-2MBI75N-120 Datasheet
100Kb / 4P
   IGBT(1200V 75A)
6MBP75RA060 FUJI-6MBP75RA060 Datasheet
776Kb / 7P
   IGBT-IPM(600V/75A)
logo
List of Unclassifed Man...
7MBP75RJ120 ETC2-7MBP75RJ120 Datasheet
347Kb / 9P
   IGBT IPM R-series 1200V class 1200V / 75A 7 in one-package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com