Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4985TMEVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4985TMEVAL
Description  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985TMEVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM4985TMEVAL Datasheet HTML 1Page - Texas Instruments LM4985TMEVAL Datasheet HTML 2Page - Texas Instruments LM4985TMEVAL Datasheet HTML 3Page - Texas Instruments LM4985TMEVAL Datasheet HTML 4Page - Texas Instruments LM4985TMEVAL Datasheet HTML 5Page - Texas Instruments LM4985TMEVAL Datasheet HTML 6Page - Texas Instruments LM4985TMEVAL Datasheet HTML 7Page - Texas Instruments LM4985TMEVAL Datasheet HTML 8Page - Texas Instruments LM4985TMEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM4985, LM4985TMEVAL
www.ti.com
SNAS346B – MAY 2006 – REVISED MAY 2006
LM4985 Boomer™ Audio Power Amplifier Series Stereo 135mW Low Noise Headphone
Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output
and Digitally Controlled (I2C) Volume Control
Check for Samples: LM4985, LM4985TMEVAL
1
FEATURES
DESCRIPTION
The LM4985 is a stereo audio power amplifier with
23
OCL or Capacitively Coupled Outputs (Patent
internal
digitally
controlled
volume
control.
This
Pending)
amplifier is capable of delivering 68mWRMS per
I2C Digitally Controlled Volume Control
channel into a 16
Ω load or 38mWRMS per channel
Available in Space-Saving 0.4mm Lead-Pitch
into a 32
Ω load at 1% THD when powered by a 3.6V
power supply and operating in the OCL mode.
DSBGA Package
Volume Control Range: –76dB to +18dB
Boomer
audio
power
amplifiers
were
designed
specifically to provide high quality output power with a
Ultra Low Current Shutdown Mode
minimal amount of external components. To that end,
2.3V - 5.5V Operation
the LM4985 features two functions that optimize
Ultra Low Noise
system cost and minimize PCB area: an integrated,
digitally controlled (I2C bus) volume control and an
APPLICATIONS
operational
mode
that
eliminates
output
signal
coupling capacitors (OCL mode). Since the LM4985
Mobile Phones
does
not
require
bootstrap
capacitors,
snubber
PDAs
networks, or output coupling capacitors, it is optimally
suited
for
low-power,
battery
powered
portable
Portable Electronics Devices
systems. For added design flexibility, the LM4985 can
MP3 Players
also be configured for single-ended capacitively
coupled outputs.
KEY SPECIFICATIONS (VDD = 3.6V)
The LM4985 features a current shutdown mode for
PSRR: 217Hz and 1kHzs
micropower
dissipation
and
thermal
shutdown
Output Capacitor-Less (OCL)
protection.
fRIPPLE = 217Hz, 77dB (Typ)
fRIPPLE = 1kHz, 76dB (Typ)
Capacitor Coupled (C-CUPL)
fRIPPLE = 217Hz, 63dB (Typ)
fRIPPLE = 1kHz, 62dB (Typ)
Output Power Per Channel
(fIN = 1kHz, THD+N = 1%),
RL = 16Ω, OCL
VDD = 2.5V, 31mW (Typ)
VDD = 3.6V, 68mW (Typ)
VDD = 5.0V, 135mW (Typ)
THD+N (f = 1kHz)
RLOAD = 16Ω, OCL, POUT = 60mW, 0.60
RLOAD = 32Ω, OCL, POUT = 33mW, 0.031
Shutdown Current, 0.1µA (Typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4985TMEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985TM NSC-LM4985TM Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4985TMEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com