Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4985 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4985
Description  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4985_14 Datasheet HTML 2Page - Texas Instruments LM4985_14 Datasheet HTML 3Page - Texas Instruments LM4985_14 Datasheet HTML 4Page - Texas Instruments LM4985_14 Datasheet HTML 5Page - Texas Instruments LM4985_14 Datasheet HTML 6Page - Texas Instruments LM4985_14 Datasheet HTML 7Page - Texas Instruments LM4985_14 Datasheet HTML 8Page - Texas Instruments LM4985_14 Datasheet HTML 9Page - Texas Instruments LM4985_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM4985, LM4985TMEVAL
SNAS346B – MAY 2006 – REVISED MAY 2006
www.ti.com
Electrical Characteristics VDD = 3.6V
(1) (2)
The following specifications apply for RL = 16Ω, f = 1kHz, and CB = 4.7µF unless otherwise specified. Limits apply to TA =
25°C.
Symbol
Parameter
Conditions
LM4985
Units
(Limits)
Typ(3)
Limit(4)(5)
VIN = 0V, IOUT = 0A
Single-Channel no load OCL
1.8
3.1
IDD
Quiescent Power Supply Current
Single-Channel no load C-CUPL
1.0
mA (max)
Dual-Channel no load OCL
2.1
4
Dual-Channel no load C-CUPL
2.3
3
ISD
Shutdown Current
VSHUTDOWN = GND
0.1
1.0
µA (max)
VSDIH
Logic Voltage Input High
2.52
V (min)
VSDIL
Logic Voltage Input Low
1.08
V (max)
THD+N < 1%, fIN = 1kHz
RLOAD = 16Ω OCL
68
60
PO
Output Power
RLOAD = 16Ω C-CUPL
70
mW (min)
RLOAD = 32Ω OCL
38
34
RLOAD = 32Ω C-CUPL
41
RLOAD = 16Ω OCL, PO = 60mW
0.06
RLOAD = 16Ω C-CUPL, PO = 60mW
0.03
THD+N
Total Harmonic Distortion + Noise
%
RLOAD = 32Ω OCL, PO = 33mW
0.03
RLOAD = 32Ω C-CUPL, PO = 38mW
0.03
VON
Output Noise Voltage
VIN = AC GND, AV = 0dB, A-weighted
15
µV
VRIPPLE = 200mVp-p
(6)
fIN = 217Hz sinewave
55
OCL
77
C-CUPL
63
PSRR
Power Supply Rejection Ratio
dB (min)
fIN = 1kHz sinewave
OCL
76
57
C-CUPL
62
Pout = 40mW. OCL
RLOAD = 16Ω
51
dB
RLOAD= 32Ω
56
Xtalk
Channel-to-Channel Crosstalk
Pout = 50mW. C-CUPL
RLOAD = 16Ω
58
dB
RLOAD= 32Ω
69
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
10
Ω terminated input.
6
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: LM4985 LM4985TMEVAL


Similar Part No. - LM4985_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985TM NSC-LM4985TM Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4985_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com