Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A16S-2N-1LP Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A16S-2N-1LP
Description  Separate Construction with Cylindrical 16-dia. Body
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A16S-2N-1LP Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A16S-2N-1LP Datasheet HTML 5Page - Omron Electronics LLC A16S-2N-1LP Datasheet HTML 6Page - Omron Electronics LLC A16S-2N-1LP Datasheet HTML 7Page - Omron Electronics LLC A16S-2N-1LP Datasheet HTML 8Page - Omron Electronics LLC A16S-2N-1LP Datasheet HTML 9Page - Omron Electronics LLC A16S-2N-1LP Datasheet HTML 10Page - Omron Electronics LLC A16S-2N-1LP Datasheet HTML 11Page - Omron Electronics LLC A16S-2N-1LP Datasheet HTML 12Page - Omron Electronics LLC A16S-2N-1LP Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
A165S/W
9
Nomenclature
Model structure
For information on rotating the flange, refer to page 14.
Example: Knob-type Selector Switch with Two Notches
(Standard condition when shipped)
Note: The angle is 75
° for self-resetting models.
The flange can be rotated to easily change the
operation angle of the knob.
Specifications
Operation Angle
Contact Form
(75
°)
Two notches
Three notches
90
°
FP
FP
45
°
(45
°)
45
°
(45
°)
Note: The angle used for automatic reset is
shown in parentheses.
FP: Free Position
No. of
notches
Contact from
SPDT
DPDT
Posi-
tion
SW
Posi-
tion
SW2
SW1
2 notches
3 notches ---
SW1
SW2
●Color of Selector
· LED models
Red Yellow Green
· Non-lighted models
Black
●Lighting Method
· Lighted (LED) models
(The upper face of the
knob is illuminated.)
· Non-lighted models
●Number of Notches and Reset Method
· 2 Notches: Manual reset, Automatic reset
· 3 Notches: Manual reset, Automatic reset
●Switch Specifications
5 A at 125 VAC
5 A at 250 VAC
3 A at 30 VDC
Minimum applicable load:
1 mA at 5 VDC
●Flange Shape
Rectangular
(A165
@-J)
●Protective
Structure
Oil-resistant IP65
●Terminal Type
Solder terminals
PCB terminals
Square
(A165
@-A)
Round
(A165
@-T)
Selector
Switch
90
°
(75
°)
90
°
90
°
FP


Similar Part No. - A16S-2N-1LP

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A16 DBLECTRO-A16 Datasheet
317Kb / 1P
   SHROUDED HEADER IDC TYPE
logo
Micrel Semiconductor
A16 MICREL-A16 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
logo
Omron Electronics LLC
A16 OMRON-A16 Datasheet
6Mb / 28P
   Pushbutton Switch (Detachable) (Lighted/Non-Lighted) (Cylindrical 16-dia.)
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A16S-2N-1LP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com