Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4947 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4947
Description  Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947 Datasheet(HTML) 5 Page - Texas Instruments

  LM4947_14 Datasheet HTML 1Page - Texas Instruments LM4947_14 Datasheet HTML 2Page - Texas Instruments LM4947_14 Datasheet HTML 3Page - Texas Instruments LM4947_14 Datasheet HTML 4Page - Texas Instruments LM4947_14 Datasheet HTML 5Page - Texas Instruments LM4947_14 Datasheet HTML 6Page - Texas Instruments LM4947_14 Datasheet HTML 7Page - Texas Instruments LM4947_14 Datasheet HTML 8Page - Texas Instruments LM4947_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM4947, LM4947TLEVAL
www.ti.com
SNAS349C – JUNE 2006 – REVISED NOVEMBER 2007
Absolute Maximum Ratings
(1)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3 to VDD +0.3
ESD Susceptibility (2)
2.0kV
ESD Machine model (3)
200V
Junction Temperature (TJ)
150°C
Solder Information
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
Thermal Resistance
θJA (typ) - TLA25CBA
65°C/W
(1)
Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For
guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test
conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(3)
Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then
discharged directly into the IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Operating Ratings
Temperature Range
−40°C to 85°C
Supply Voltage (VDD)
2.7V
≤ VDD ≤ 5.5V
Supply Voltage (I2C)
2.2V
≤ VDD ≤ 5.5V
Supply Voltage (Loudspeaker VDD)
2.7V
≤ VDD ≤ 5.5V
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4947 LM4947TLEVAL


Similar Part No. - LM4947_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4947TL/NOPB TI1-LM4947TL/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
LM4947TLEVAL TI1-LM4947TLEVAL Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
More results

Similar Description - LM4947_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Texas Instruments
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
[Old version datasheet]   Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Texas Instruments
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com