Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F152K53Y5RP63K7. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # F152K53Y5RP63K7.
Description  Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F152K53Y5RP63K7. Datasheet(HTML) 3 Page - Vishay Siliconix

  F152K53Y5RP63K7. Datasheet HTML 1Page - Vishay Siliconix F152K53Y5RP63K7. Datasheet HTML 2Page - Vishay Siliconix F152K53Y5RP63K7. Datasheet HTML 3Page - Vishay Siliconix F152K53Y5RP63K7. Datasheet HTML 4Page - Vishay Siliconix F152K53Y5RP63K7. Datasheet HTML 5Page - Vishay Siliconix F152K53Y5RP63K7. Datasheet HTML 6Page - Vishay Siliconix F152K53Y5RP63K7. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28500
68
Revision: 07-Jan-10
F Series
Vishay BCcomponents
Ceramic Disc Capacitors Class 2,
Low Loss (0.2 %), 500 VDC, 1 kVDC,
2 kVDC and 3 kVDC
Notes
(1) SH = seated height
• Maximum thickness: 500 V = 3.5 mm; 1 kV = 4.5 mm; 2 kV = 5.0 mm; 3 kV = 6.0 mm
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
2kV
680
± 10
10.0
5.0
4.0
F681K39Y5RP6.K5.
820
11.0
F821K43Y5RP6.K5.
1000
F102K43Y5RP6.K5.
1200
12.0
7.5
4.8
F122K47Y5RP63K7.
1500
13.5
F152K53Y5RP63K7.
1800
F182K53Y5RP63K7.
2200
17.5
F222K69Y5RP63K7.
2700
19.0
10.0
F272K75Y5RP83K0.
3300
F332K75Y5RP83K0.
3900
24.5
F392K75Y5RP83K0.
4700
F472K96Y5RP83K0.
3kV
100
± 10
8.5
7.5
4.0
F101K33Y5RR6.K7.
120
F121K33Y5RR6.K7.
150
F151K33Y5RR6.K7.
180
F181K33Y5RR6.K7.
220
F221K33Y5RR6.K7.
270
F271K33Y5RR6.K7.
330
F331K33Y5RR6.K7.
390
10
F391K39Y5RR6.K7.
470
F471K39Y5RR6.K7.
560
11
F561K43Y5RR6.K7.
680
F681K43Y5RR6.K7.
820
13.5
4.8
F821K53Y5RR63K7.
1000
F102K53Y5RR63K7.
1200
15
F122K59Y5RR63K7.
1500
F152K59Y5RR63K7.
1800
19
10.0
F182K75Y5RR83K0.
2200
F222K75Y5RR83K0.
2700
21
F272K84Y5RR83K0.
PACKAGING
PACKAGING TYPE
SIZE
CODE
LEAD SPACE
(mm)
VOLTAGE
(VDC)
SPQ
BOX DIMENSIONS
L x W x H
Bulk
(long lead L
≥ 25.4 mm
20 to 25
all
all
1000
245 x 120 x 65
29 to 39
1000
43 to 47
1000
53 to 75
500
84 to 96
250
Tape and reel
≤ 47
≤ 6.4
< 500
2500
370 x 370 x 60
500
≤ WV ≤ 2000
2000
3000
1000
≥ 7.5
all
1000
≥ 53
all
all
1000
Ammopack
≤ 47
≤ 6.4
< 500
2000
335 x 240 x 50
500
≤ WV < 2000
2000
335 x 290 x 50
2000 and 3000
1500
≥ 7.5
all
1500
360 x 330 x 55
≥ 53
all
all
1500
335 x 290 x 50
ORDERING INFORMATION
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT


Similar Part No. - F152K53Y5RP63K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F152K59Y5RR63K7 VISHAY-F152K59Y5RR63K7 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
More results

Similar Description - F152K53Y5RP63K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com