Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4941 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4941
Description  1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4941 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4941_14 Datasheet HTML 2Page - Texas Instruments LM4941_14 Datasheet HTML 3Page - Texas Instruments LM4941_14 Datasheet HTML 4Page - Texas Instruments LM4941_14 Datasheet HTML 5Page - Texas Instruments LM4941_14 Datasheet HTML 6Page - Texas Instruments LM4941_14 Datasheet HTML 7Page - Texas Instruments LM4941_14 Datasheet HTML 8Page - Texas Instruments LM4941_14 Datasheet HTML 9Page - Texas Instruments LM4941_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LM4941, LM4941SDBD, LM4941TMBD
SNAS347B – JUNE 2006 – REVISED MARCH 2007
www.ti.com
Electrical Characteristics VDD = 3V
(1) (2)
The following specifications apply for VDD = 3V, AV = 1V/V, and 8Ω load unless otherwise specified. Limits apply for TA =
25°C.
LM4941
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limits)
(3)
VIN = 0V, no load
1.6
2.2
mA (max)
(4) (5)I
DD
Quiescent Power Supply Current
VIN = 0V, RL = 8Ω
1.6
mA
ISD
Shutdown Current
VSHDN = GND
0.1
0.8
µA (max)
THD+N = 1% (max); f = 1 kHz
RL = 8Ω
0.43
W
PO
Output Power
THD+N = 10% (max); f = 1 kHz
RL = 8Ω
0.54
W
THD+N
Total Harmonic Distortion + Noise
PO = 0.25W; f = 1kHz
0.05
%
VRIPPLE = 200mVPP Sine
PSRR
Power Supply Rejection Ratio
f = 217Hz (6)
95
dB
f = 1kHz (6)
90
dB
CMRR
Common-Mode Rejection Ratio
f = 217Hz, VCM = 200mVPP Sine
70
dB
VOS
Output Offset Voltage
VIN = 0V
2
6
mV (max)
VSDIH
Shutdown Voltage Input High
1.4
V (min)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
TWU
Wake-up Time from Shutdown
CBYPASS = 1μF
8
ms
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
(6)
10
Ω terminated input.
External Components Description
(Figure 1)
Components
Functional Description
1.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing section for
information concerning proper placement and selection of the supply bypass capacitor.
2.
CB
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of CB.
3.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with RF.
4.
RF
External feedback resistance which sets the closed-loop gain in conjunction with Ri.
6
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM4941 LM4941SDBD LM4941TMBD


Similar Part No. - LM4941_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4941SD/NOPB TI1-LM4941SD/NOPB Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941SDX/NOPB TI1-LM4941SDX/NOPB Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941TM/NOPB TI1-LM4941TM/NOPB Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941TMX/NOPB TI1-LM4941TMX/NOPB Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results

Similar Description - LM4941_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
National Semiconductor ...
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
   1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
Texas Instruments
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com